Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB839 Datasheet(PDF) 16 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button DB839 Datasheet HTML 12Page - CML Microcircuits DB839 Datasheet HTML 13Page - CML Microcircuits DB839 Datasheet HTML 14Page - CML Microcircuits DB839 Datasheet HTML 15Page - CML Microcircuits DB839 Datasheet HTML 16Page - CML Microcircuits DB839 Datasheet HTML 17Page - CML Microcircuits DB839 Datasheet HTML 18Page - CML Microcircuits DB839 Datasheet HTML 19Page - CML Microcircuits DB839 Datasheet HTML 20Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Digitally Controlled Analog I/O Processor
16
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Notes
Min.
Typ.
Max.
Units
A/Ds and Multiplexed Inputs
(Guaranteed monotonic)
Resolution
10
Bits
Input signal 'linear rate of change'
VDD = 3.3V, and fA/D_CLK = 1MHz
For 1 Bit error
0.27
mV/µs
Conversion Time
fA/D_CLK = 1MHz
12
µs
Integral non-linearity
Figure 4
7
2.0
LSBs
Differential non-linearity
Figure 3
6
1.0
Zero error
-20
20
mV
A/D Clock Frequency (fA/D_CLK)
1.0
TBD
MHz
Input Capacitance
TBD
pF
Variable Attenuators
Nominal Adjustment Range
MOD1 Attenuator
0
12.0
dB
MOD2 Attenuator
0
6.0
dB
Attenuation Accuracy
-1.0
1.0
dB
Step Size
MOD1
0.2
0.4
0.6
dB
MOD2
0.1
0.2
0.3
dB
Output Impedance
5
600
:
Bandwidth (-3dB)
100
kHz
Input Impedance
15
k
:
Magnitude Comparators and Interrupt
Request
Resolution
8
Bits
Output Logic '0' at IRQ (IOL= 360µA and pull-up
resistor R2 = 22k
: ± 10% to DVDD)
10%
DVDD
'Off' State Leakage Current at IRQ
VOUT = DVDD
10
µA
Xtal/Clock Input
Frequency Range
8
0.5
6.0
MHz
'High' pulse width
40
ns
'Low' pulse width
40
ns
Input Impedance (at 100Hz)
10
M
:
Gain (input = 1mVRMS at 100Hz)
20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com