Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB929B Datasheet(PDF) 41 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 41 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 37Page - CML Microcircuits DB929B Datasheet HTML 38Page - CML Microcircuits DB929B Datasheet HTML 39Page - CML Microcircuits DB929B Datasheet HTML 40Page - CML Microcircuits DB929B Datasheet HTML 41Page - CML Microcircuits DB929B Datasheet HTML 42Page - CML Microcircuits DB929B Datasheet HTML 43Page - CML Microcircuits DB929B Datasheet HTML 44Page - CML Microcircuits DB929B Datasheet HTML 45Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
4-Level FSK Modem Data Pump
Page 41 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
2. Any AC coupling at the receive input will transform any step in the voltage at the discriminator output to a
slowly decaying pulse which can confuse the modem's level measuring circuits. As illustrated in Figure 25
below, the time for this step to decay to 37% of its original value is 'RC' where:
network)
RC
the
of
frequency
off
-
cut
(3dB
2
1
=
RC
5
which is 32ms, or 153 symbol times at 4800 symbols/sec (9600bps) for a 5Hz network.
37%
T = RC
100%
Step Input
to RC Circuit
Output of
RC Circuit
Figure 25: Decay Time - AC Coupling
In general, it is best to DC couple the receiver discriminator to the modem and ensure that any AC coupling to
the transmitter's frequency modulator has a -3dB cut-off frequency of no higher than 5Hz for 4800
symbols/sec (9600bps).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com