Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB929B Datasheet(PDF) 11 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 11 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 7Page - CML Microcircuits DB929B Datasheet HTML 8Page - CML Microcircuits DB929B Datasheet HTML 9Page - CML Microcircuits DB929B Datasheet HTML 10Page - CML Microcircuits DB929B Datasheet HTML 11Page - CML Microcircuits DB929B Datasheet HTML 12Page - CML Microcircuits DB929B Datasheet HTML 13Page - CML Microcircuits DB929B Datasheet HTML 14Page - CML Microcircuits DB929B Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
4-Level FSK Modem Data Pump
Page 11 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.1.10 Rx Input Amp
This amplifier allows the received signal input to the modem to be set to the optimum level by suitable
selection of the external components R1 and R2. The value of R1 should be calculated to give 0.2 x VDD
voltsP-P at the RXAMPOUT pin for a received '...+3 +3 -3 -3 ...' sequence.
A capacitor may be placed in series with R1 if ac coupling of the received signal is desired (see Section 5.4),
otherwise the DC level of the received signal should be adjusted so that the signal at the modem's
RXAMPOUT pin is centered around VBIAS (VDD/2).
4.1.11 RRC Low Pass Filter
This filter, which is used in both transmit and receive modes, is a linear-phase lowpass filter with a 'Root
Raised Cosine' frequency response defined by:
rate
symbol
1
=
T
0.2,
=
b
Where
2T
b
+
1
>
f
for
0
=
)
f
(
H
2T
b
+
1
<
f
<
2T
b
-
1
for
2
b
)
2
-
Tf
(
sin
-
2
1
=
)
f
(
H
2T
b
-
1
<
f
<
0
for
1
=
)
f
(
H
5
5
This frequency response is illustrated in Figure 5 and Figure 6.
In transmit mode, the 4-level symbols are passed through this filter to eliminate the high frequency
components which would otherwise cause interference into adjacent radio channels. The input applied to the
RRC Tx filter may be impulses or full-width symbols depending on the setting of the Command Register
TXIMP bit. See Section 4.7.
Data
Encoding
binary -
symbol
Transmit
filter
Frequency
modulator
Bit
pairs
MX929B
Symbols
+3
-1
+1
-3
Modem
Figure 4: Translation of Binary Data to Filtered 4-Level Symbols in Tx Mode
In receive mode, the filter is used to reject HF noise and to equalize the received signal to a form suitable for
extracting the 4-level symbols. The equalization characteristics are determined by the setting of the Command
Register TXIMP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com