Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB929B Datasheet(PDF) 10 Page - CML Microcircuits

Part # DB929B
Description  Full Data Packet Framing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB929B Datasheet(HTML) 10 Page - CML Microcircuits

Back Button DB929B Datasheet HTML 6Page - CML Microcircuits DB929B Datasheet HTML 7Page - CML Microcircuits DB929B Datasheet HTML 8Page - CML Microcircuits DB929B Datasheet HTML 9Page - CML Microcircuits DB929B Datasheet HTML 10Page - CML Microcircuits DB929B Datasheet HTML 11Page - CML Microcircuits DB929B Datasheet HTML 12Page - CML Microcircuits DB929B Datasheet HTML 13Page - CML Microcircuits DB929B Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
4-Level FSK Modem Data Pump
Page 10 of 50
MX929B PRELIMINARY INFORMATION
©2001 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 336 744 5050
Fax: 336 744 5054
Doc. # 20480171.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4. General Description
4.1
Description of Blocks
4.1.1
Data Bus Buffers
Eight bi-directional 3-state logic level buffers between the modem's internal registers and the host µC's data
bus lines.
4.1.2
Address and R/W Decode
This block controls the transfer of data bytes between the µC and the modem's internal registers according to
the state of the Write and Read Enable inputs ( WR and RD ), the Chip Select input (
CS ), and the Register
Address inputs A0 and A1.
The Data Bus Buffers, Address, and R/W Decode blocks provide a byte-wide parallel µC interface, which can
be memory-mapped, as shown in Figure 3.
Address
Bus
µC
MODEM
WR
RD
CS
RD
Address Decode
Circuit
Data
Bus
IRQ
VDD
D0:7
A0:1
WR
IRQ pull up
resistor
D0:7
IRQ
A2:7
A0:1
Figure 3: Typical Modem
2222C connections
4.1.3
Status and Data Quality Registers
Two 8-bit registers which the µC can read to determine the status of the modem and received data quality.
4.1.4
Command, Mode, and Control Registers
The values written by the µC to these 8-bit registers control the operation of the modem.
4.1.5
Data Buffer
A 12-byte buffer used to hold, receive or transmit data to or from the µC.
4.1.6
CRC Generator/Checker
A circuit which generates (in transmit mode) or checks (in receive mode) the Cyclic Redundancy Checksum
bits, which may be included in the transmitted data blocks so the receive modem can detect transmission
errors.
4.1.7
FEC Generator/Checker
In transmit mode, this circuit adds Forward Error Correction bits to the transmitted data, resulting in the
conversion of binary data to 4-level symbols. In receive mode, this circuit translates received 4-level symbols
to binary data, using the FEC information to correct a large proportion of transmission errors.
4.1.8
Interleave/De-Interleave Buffer
This circuit interleaves data symbols within a block before transmission and de-interleaves the received data
so that the FEC system is best able to handle short noise bursts or fades.
4.1.9
Frame Sync Detect
This circuit, which is only active in receive mode, is used to look for the 24-symbol Frame Synchronization
pattern that is transmitted to mark the start of every frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com