Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8701PRGET Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8701PRGET
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8701PRGET Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8701PRGET Datasheet HTML 4Page - Texas Instruments DRV8701PRGET Datasheet HTML 5Page - Texas Instruments DRV8701PRGET Datasheet HTML 6Page - Texas Instruments DRV8701PRGET Datasheet HTML 7Page - Texas Instruments DRV8701PRGET Datasheet HTML 8Page - Texas Instruments DRV8701PRGET Datasheet HTML 9Page - Texas Instruments DRV8701PRGET Datasheet HTML 10Page - Texas Instruments DRV8701PRGET Datasheet HTML 11Page - Texas Instruments DRV8701PRGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
DRV8701
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RIDRIVE < 1 kΩ to GND
12.5
RIDRIVE = 33 kΩ ±5% to GND
25
RIDRIVE = 200 kΩ ±5% to GND, or
IDRIVE,SNK
Peak sink current
50
mA
RIDRIVE < 1 kΩ to AVDD
RIDRIVE > 500 ±5% kΩ to GND
200
RIDRIVE = 68 kΩ ±5% to AVDD
300
Source current after tDRIVE
6
IHOLD
FET holding current
mA
Sink current after tDRIVE
25
GHx
490
ISTRONG
FET hold-off strong pulldown
mA
GLx
690
Pulldown GHx to SHx
200
ROFF
FET gate hold-off resistor
k
Ω
Pulldown GLx to GND
150
CURRENT SHUNT AMPLIFIER AND PWM CURRENT CONTROL (SP, SN, SO, VREF)
VVREF
VREF input voltage
For current internal chopping
0.3(2)
AVDD
V
50 < VSP < 200 mV; VSN = GND
18
20
22
AV
Amplifier gain
V/V
10 < VSP < 50 mV; VSN = GND
16
20
24
VOFF
SO offset
VSP = VSN = GND
50
250
mV
ISP
SP input current
VSP = 100 mV; VSN = GND
-40
μA
VSP = VSN = GND to
tSET
(3)
Settling time to ±1%
1.5
µs
VSP = 100 mV, VSN = GND
CSO
(3)
Allowable SO pin capacitance
1
nF
tOFF
PWM current regulation off-time
25
µs
tBLANK
PWM blanking time
2
µs
PROTECTION CIRCUITS
VM falling; UVLO report
5.4
5.8
VUVLO
VM undervoltage lockout
V
VM rising; UVLO recovery
5.6
5.9
VUVLO,HYS
VM undervoltage hysteresis
Rising to falling threshold
100
mV
tUVLO
VM UVLO falling deglitch time
VM falling; UVLO report
10
μs
VCPUV
Charge pump undervoltage
CPUV report
VM + 2.8
V
Overcurrent protection trip level,
High-side FETs: VM – SHx
VDS OCP
0.8
1
V
VDS of each external FET
Low-side FETs: SHx – SP
Overcurrent protection trip level,
VSP OCP
VSP voltage with respect to GND
0.8
1
V
measured by sense amplifier
tOCP
Overcurrent deglitch time
4.5
µs
tRETRY
Overcurrent retry time
3
ms
TTSD
(3)
Thermal shutdown temperature
Die temperature, TJ
150
°C
THYS
(3)
Thermal shutdown hysteresis
Die temperature, TJ
20
°C
Positive clamping voltage
10.5
13
VGS CLAMP Gate drive clamping voltage
V
Negative clamping voltage
–1
–0.7
–0.5
(2)
Operational at VREF = 0 to 0.3 V, but accuracy is degraded
(3)
Specified by design and characterization data
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com