Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8701PRGET Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8701PRGET
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8701PRGET Datasheet(HTML) 20 Page - Texas Instruments

Back Button DRV8701PRGET Datasheet HTML 16Page - Texas Instruments DRV8701PRGET Datasheet HTML 17Page - Texas Instruments DRV8701PRGET Datasheet HTML 18Page - Texas Instruments DRV8701PRGET Datasheet HTML 19Page - Texas Instruments DRV8701PRGET Datasheet HTML 20Page - Texas Instruments DRV8701PRGET Datasheet HTML 21Page - Texas Instruments DRV8701PRGET Datasheet HTML 22Page - Texas Instruments DRV8701PRGET Datasheet HTML 23Page - Texas Instruments DRV8701PRGET Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
IDRIVE
«««
IDRIVE
RIDRIVE
IDRIVE
«««
IDRIVE
AVDD
RIDRIVE
IDRIVE
AVDD
«««
IDRIVE
+
-
2.5V
+
-
1.3V
+
-
0.1V
+
-
3.7V
+
-
4.3V
AVDD
190k
Ÿ
310k
Ÿ
Digital
Core
DRV8701
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
www.ti.com
7.3.6 IDRIVE Pin
The rise and fall times of the H-bridge output (SHx pins) can be adjusted by setting the IDRIVE resistor value or
forcing a voltage onto the IDRIVE pin. The FET gate voltage ramps faster if a higher IDRIVE setting is chosen.
The FET gate ramp directly affects the H-bridge output rise and fall time.
Tying IDRIVE to GND selects the lowest drive setting of 6-mA source and 12.5-mA sink. If this pin is left
unconnected, then the 100-mA source and 200-mA sink setting are selected.
If IDRIVE is shorted to AVDD, then the VDS OCP monitor on the high-side FETs is disabled. In this setting, the
gate driver is configured as 25-mA source and 50-mA sink.
Figure 27. IDRIVE Pin Internal Circuitry
Table 5. IDRIVE Pin Configuration Settings
Source Current
IDRIVE Resistance
IDRIVE Voltage
Sink Current (IDRIVE,SNK)
HS OCP Monitor
(IDRIVE,SRC)
<1 k
Ω to GND
GND
6 mA
12.5 mA
ON
33 k
Ω ±5% to GND
0.7 V ±5%
12.5 mA
25 mA
ON
200 k
Ω ±5% to GND
2 V ±5%
25 mA
50 mA
ON
>500 k
Ω to GND, High-Z
3 V ±5%
100 mA
200 mA
ON
68 k
Ω ±5% to AVDD
4 V ±5%
150 mA
300 mA
ON
<1 k
Ω to AVDD
AVDD
25 mA
50 mA
OFF
Table 6. IDRIVE Pin Resistor Settings
33 k
Ω ±5% to GND
<1 k
Ω to GND
>500 k
Ω to GND, High-Z
68 k
Ω ±5% to AVDD
<1 k
Ω to AVDD
200 k
Ω ±5% to GND
IDRIVE
IDRIVE
IDRIVE
IDRIVE
IDRIVE
12.5 / 25 mA (33 k
Ω)
25 / 50 mA
6 / 12.5 mA
100 / 200 mA
150 / 300 mA
25 / 50 mA (200 k
Ω)
HS OCP monitor off
20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com