Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8701PRGET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8701PRGET
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8701PRGET Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8701PRGET Datasheet HTML 6Page - Texas Instruments DRV8701PRGET Datasheet HTML 7Page - Texas Instruments DRV8701PRGET Datasheet HTML 8Page - Texas Instruments DRV8701PRGET Datasheet HTML 9Page - Texas Instruments DRV8701PRGET Datasheet HTML 10Page - Texas Instruments DRV8701PRGET Datasheet HTML 11Page - Texas Instruments DRV8701PRGET Datasheet HTML 12Page - Texas Instruments DRV8701PRGET Datasheet HTML 13Page - Texas Instruments DRV8701PRGET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Supply Voltage VM (V)
5
10
15
20
25
30
35
40
45
19.36
19.4
19.44
19.48
19.52
19.56
19.6
19.64
19.68
19.72
19.76
19.8
19.84
19.88
19.92
19.96
20
D011
T A = 125°C
T A = 85°C
T A = 25°C
T A ±ƒ&
SP (mV)
10
30
50
70
90
110
130
150
170
190
210 225
18
18.2
18.4
18.6
18.8
19
19.2
19.4
19.6
19.8
20
D012
MAX
MIN
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
15
17.5
20
22.5
25
27.5
30
32.5
35
37.5
40
42.5
45
47.5
50
52.5
55
D009
VM = 24 V
VM = 12 V
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
18.3
18.5
18.7
18.9
19.1
19.3
19.5
19.7
19.9
20.1
D010
SP = 225 mV
SP = 100 mV
SP = 50 mV
SP = 10 mV
Load Current (mA)
0
3
6
9
12
15
18
21
24
27
30
3.225
3.23
3.235
3.24
3.245
3.25
3.255
3.26
3.265
3.27
3.275
3.28
3.285
3.29
3.295
D007
T A = 125°C
T A = 85°C
T A = 25°C
T A ±ƒ&
Load Current (mA)
0
3
6
9
12
15
18
21
24
27
30
4.625
4.65
4.675
4.7
4.725
4.75
4.775
4.8
4.825
4.85
4.875
D008
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
DRV8701
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
Figure 8. AVDD Regulator over Load (VM = 12 V)
Figure 7. DVDD Regulator over Load (VM = 12 V)
Figure 9. SO Offset over Temperature
Figure 10. Amplifier Gain over Temperature
Figure 11. Amplifier Gain over VM (SP = 50 mV)
Figure 12. Amplifier Gain over VM and Temperature Range
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com