Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8701PRGET Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8701PRGET
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8701PRGET Datasheet(HTML) 24 Page - Texas Instruments

Back Button DRV8701PRGET Datasheet HTML 20Page - Texas Instruments DRV8701PRGET Datasheet HTML 21Page - Texas Instruments DRV8701PRGET Datasheet HTML 22Page - Texas Instruments DRV8701PRGET Datasheet HTML 23Page - Texas Instruments DRV8701PRGET Datasheet HTML 24Page - Texas Instruments DRV8701PRGET Datasheet HTML 25Page - Texas Instruments DRV8701PRGET Datasheet HTML 26Page - Texas Instruments DRV8701PRGET Datasheet HTML 27Page - Texas Instruments DRV8701PRGET Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
DRV8701
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
www.ti.com
7.3.13 Protection Circuits
The DRV8701 is fully protected against VM undervoltage, charge pump undervoltage, overcurrent, gate driver
shorts, and overtemperature events.
7.3.13.1 VM Undervoltage Lockout (UVLO)
If at any time the voltage on the VM pin falls below the UVLO threshold voltage, all FETs in the H-bridge are
disabled, the charge pump is disabled, AVDD is disabled, and the nFAULT pin is driven low. Operation resumes
when VM rises above the UVLO threshold. The nFAULT pin is released after operation has resumed.
7.3.13.2 VCP Undervoltage Lockout (CPUV)
If at any time the voltage on the VCP pin falls below the charge pump undervoltage threshold voltage (VCPUV), all
FETs in the H-bridge are disabled and the nFAULT pin is driven low. Operation resumes when VCP rises above
the CPUV threshold. The nFAULT pin is released after operation has resumed.
7.3.13.3 Overcurrent Protection (OCP)
Overcurrent is sensed by monitoring the VDS voltage drop across the external FETs (see Figure 28). If the
voltage across a driven FET exceeds the overcurrent trip threshold (VDS OCP) for longer than the OCP deglitch
time (tOCP), an OCP event is recognized. As a result, all FETs in the H-bridge are disabled and the nFAULT pin is
driven low; the driver is re-enabled after the OCP retry period (tRETRY) has passed. nFAULT releases high-Z
again at after the retry time. If the fault condition is still present, the cycle repeats. If the fault is no longer present,
normal operation resumes and nFAULT remains released high-Z.
This VDS overcurrent monitor on the high-side FETs can be disabled by using a specific IDRIVE setting. This
allows the system to have a higher DRV8701 VM supply than the H-bridge supply.
In addition to this FET VDS monitor, an overcurrent condition is also detected if the voltage at SP exceeds
VSP OCP.
7.3.13.4 Pre-Driver Fault (PDF)
The GHx and GLx pins are monitored such that if the voltage on the external FET gate does not increase above
1 V (when sourcing current) or decrease below 1 V (when sinking current) after tDRIVE, a pre-driver fault is
detected. The device encounters this fault if GHx or GLx are shorted to GND, SHx, or VM. Additionally, the
device encounters the pre-driver fault if the IDRIVE setting selected is not sufficient to turn on the external FET.
As a result, all FETs in the H-bridge are disabled and the nFAULT pin is driven low. The driver is re-enabled after
the retry period (tRETRY) has passed. The nFAULT pin is released after operation has resumed.
7.3.13.5 Thermal Shutdown (TSD)
If the die temperature exceeds TTSD, all FETs in the H-bridge are disabled, the charge pump is shut down, AVDD
is disabled, and the nFAULT pin is driven low. After the die temperature has fallen below TTSD – THYS, operation
automatically resumes. The nFAULT pin is released after operation has resumed.
Table 7. Fault Response
Fault
Condition
H-Bridge
Charge Pump
AVDD
DVDD
Recovery
VM undervoltage
VM
≤ VUVLO
Disabled
Disabled
Disabled
Operating
VM
≥ VUVLO
(UVLO)
VCP undervoltage
VCP < VCPUV
Disabled
Operating
Operating
Operating
VCP > VCPUV
(CPUV)
External FET overload
VDS ≥ 1.0 V or
Disabled
Operating
Operating
Operating
tRETRY
(OCP)
VSP – VSN > 1.0 V
Gate voltage
Pre-driver fault (PDF)
Disabled
Operating
Operating
Operating
tRETRY
unchanged after tDRIVE
Thermal shutdown
TJ ≥ 150°C
Disabled
Disabled
Disabled
Operating
TJ ≤ 130°C
(TSD)
24
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com