Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX975ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX975ESA
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX975ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX975ESA Datasheet HTML 5Page - Maxim Integrated Products MAX975ESA Datasheet HTML 6Page - Maxim Integrated Products MAX975ESA Datasheet HTML 7Page - Maxim Integrated Products MAX975ESA Datasheet HTML 8Page - Maxim Integrated Products MAX975ESA Datasheet HTML 9Page - Maxim Integrated Products MAX975ESA Datasheet HTML 10Page - Maxim Integrated Products MAX975ESA Datasheet HTML 11Page - Maxim Integrated Products MAX975ESA Datasheet HTML 12Page - Maxim Integrated Products MAX975ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
_______________________________________________________________________________________
9
____________________________Typical Operating Characteristics (continued)
(VCC = 3.0V, TA = +25°C, unless otherwise noted.)
10MHz RESPONSE
HIGH-SPEED MODE (VCC = +3V)
INPUT
5mV/div
20ns/div
OUTPUT
1V/div
VOS
VCC
GND
MAX975/977 TOC33
100kHz RESPONSE
LOW-POWER MODE (VCC = +3V)
INPUT
5mV/div
2
µs/div
OUTPUT
1V/div
VOS
VCC
GND
MAX975/977 TOC31
10MHz RESPONSE
HIGH-SPEED MODE (VCC = +5V)
INPUT
5mV/div
20ns/div
OUTPUT
2V/div
VOS
VCC
GND
MAX975/977 TOC34
MAX975
AUTO-STANDBY OPERATION
1ms/div
CSTO_ = 100pF
Inp
ICC
OUT
0
µA
250
µA
3V
0V
+100mV
-100mV
MAX975/977 TOC35
100kHz RESPONSE
LOW-POWER MODE (VCC = +5V)
INPUT
5mV/div
2
µs/div
OUTPUT
2V/div
VOS
VCC
GND
MAX975/977 TOC32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com