Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX975ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX975ESA
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX975ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX975ESA Datasheet HTML 6Page - Maxim Integrated Products MAX975ESA Datasheet HTML 7Page - Maxim Integrated Products MAX975ESA Datasheet HTML 8Page - Maxim Integrated Products MAX975ESA Datasheet HTML 9Page - Maxim Integrated Products MAX975ESA Datasheet HTML 10Page - Maxim Integrated Products MAX975ESA Datasheet HTML 11Page - Maxim Integrated Products MAX975ESA Datasheet HTML 12Page - Maxim Integrated Products MAX975ESA Datasheet HTML 13Page - Maxim Integrated Products MAX975ESA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
10
______________________________________________________________________________________
_____________________________________________________________Pin Descriptions
Set Timeout Input. Connect a capacitor from STO to GND to program the time the comparator may
remain idle before entering standby mode. Connect STO to GND to disable the auto-standby fea-
ture. Calculate timeout with the following relationship: tASB = 10 x C
µs, where C is in pF.
STO
5
Ground
GND
6
Comparator Output
OUT
7
LP
8
Mode Status Pin. Indicates the operating mode. STAT is high for auto-standby mode or low-power
mode, and during the transition to high-speed mode. STAT = low indicates that the comparator is in
high-speed mode. STAT can source 3mA to power additional circuitry.
STAT
4
Inverting Comparator Input
IN-
3
PIN
Noninverting Comparator Input
IN+
2
Positive Supply Voltage, +2.7V to +5.25V
VCC
1
FUNCTION
NAME
Low Power Mode Input. Drive LP high for low-power mode. Drive LP low for high-speed mode
(STO = GND) or for high-speed mode with auto-standby. Connect to GND if low-power mode will
not be used. Connect to VCC if high-speed mode will not be used.
FUNCTION
QSOP
1, 9
2, 10
3, 11
4, 5
8, 16
7, 15
6, 14
13
12
NAME
1, 8
STOA,
STOB
Set Idle Timeout Input A/B. Connect a capacitor from STOA/STOB to GND to program
the time in which comparator A/B may remain idle before entering standby mode.
Connect STOA/STOB to GND to disable the auto-standby feature for comparator A/B.
Calculate timeout with the following relationship: tASB = 10 x C µs, where C is in pF.
2, 9
GNDA, GNDB
Ground for Comparator A/B
3, 10
OUTA, OUTB
Output for Comparator A/B
4
VCC
Positive Supply Voltage, +2.7V to +5.25V. For QSOP, connect pin 4 to pin 5.
7, 14
STATB,
STATA
Mode Status Pin B/A. Indicates the operating mode of comparator B/A.
STATB/STATA is high for auto-standby mode or for low-power mode, and during
the transition to high-speed mode. STATB/STATA = low indicates that comparator
B/A is in high-speed mode. STATB/STATA can source 3mA to power additional
circuitry.
6, 13
INB-, INA-
Inverting Input for Comparator B/A
5, 12
INB+, INA+
Noninverting Input for Comparator B/A
11
LP
Low Power Mode Input for both comparators. Drive LP high for low-power mode.
Drive LP low for high-speed mode (STO_ = GND) or for high-speed mode with auto-
standby. Connect to GND if low-power mode will not be used. Connect to VCC if
high-speed mode will not be used.
—
N.C.
No connection. Not internally connected.
SO
MAX975
MAX977



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com