Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX975ESA Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX975ESA
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX975ESA Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX975ESA Datasheet HTML 8Page - Maxim Integrated Products MAX975ESA Datasheet HTML 9Page - Maxim Integrated Products MAX975ESA Datasheet HTML 10Page - Maxim Integrated Products MAX975ESA Datasheet HTML 11Page - Maxim Integrated Products MAX975ESA Datasheet HTML 12Page - Maxim Integrated Products MAX975ESA Datasheet HTML 13Page - Maxim Integrated Products MAX975ESA Datasheet HTML 14Page - Maxim Integrated Products MAX975ESA Datasheet HTML 15Page - Maxim Integrated Products MAX975ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
______________________________________________________________________________________
15
TRANSISTOR COUNT: 522 (MAX975)
1044 (MAX977)
___________________Chip Information
1
2
3
4
8
7
6
5
LP
OUT
GND
STO
STAT
IN-
IN+
VCC
MAX975
SO/
µMAX
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
STATA
INA-
INA+
LP
VCC
OUTA
GNDA
STOA
MAX977
OUTB
GNDB
STOB
STATB
INB-
INB+
SO
QSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
STATA
INA-
INA+
LP
N.C.
OUTB
GNDB
STOB
STOA
GNDA
OUTA
VCC
VCC
INB+
INB-
STATB
MAX977
__________________________________________________________Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com