Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX975ESA Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX975ESA
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX975ESA Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX975ESA Datasheet HTML 8Page - Maxim Integrated Products MAX975ESA Datasheet HTML 9Page - Maxim Integrated Products MAX975ESA Datasheet HTML 10Page - Maxim Integrated Products MAX975ESA Datasheet HTML 11Page - Maxim Integrated Products MAX975ESA Datasheet HTML 12Page - Maxim Integrated Products MAX975ESA Datasheet HTML 13Page - Maxim Integrated Products MAX975ESA Datasheet HTML 14Page - Maxim Integrated Products MAX975ESA Datasheet HTML 15Page - Maxim Integrated Products MAX975ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Window Comparator
The MAX977 is ideal for making a window detector
(undervoltage/overvoltage detector). The schematic
shown in Figure 5 uses a MAX6120 reference and com-
ponent values selected for a 2.0V undervoltage thresh-
old and a 2.5V overvoltage threshold. Choose different
thresholds by changing the values of R1, R2, and R3.
OUTA provides an active-low undervoltage indication,
and OUTB gives an active-low overvoltage indication.
ANDing the two outputs provides an active-high,
power-good signal. The design procedure is as follows:
1) Select R1. The leakage current into INB- is normally
100nA, so the current through R1 should exceed
10µA for the thresholds to be accurate. R1 values in
the 50k
Ω to 100kΩ range are typical.
2) Choose the overvoltage threshold (VOTH) when VIN
is rising, and calculate R2 and R3 with the following
formula:
R2 + R3 = R1 x [VOTH / (VREF + VH) - 1]
where VH = 1/2VHYST.
3) Choose the undervoltage threshold (VUTH) when VIN is
falling, and calculate R2 with the following formula:
R2 = (R1 + R2 + R3) x [(VREF - VH) / VUTH] - R1
where VH = 1/2VHYST.
4) Calculate R3 with the following formula:
R3 = (R2 + R3) - R2
5) Verify the resistor values. The equations are as
follows:
VOTH = (VREF + VH) x (R1 + R2 + R3) / R1
VUTH = (VREF - VH) x (R1 + R2 + R3) / (R1 + R2)
Toll-Tag Circuit
The circuit shown in Figure 6 uses a MAX975 in a very
low standby-power AM demodulator circuit that wakes
up a toll tag (part of an automated roadway toll-
collection system). This application requires very long
standby times with brief and infrequent interrogations.
In the awake state, it is capable of demodulating the
typical 600kHz AM carrier riding on the 2.4GHz RF sig-
nal. In this state, the comparator draws its 250µA high-
speed current. After communications have ceased, or
when instructed by the microcontroller, the comparator
returns to its low-power state. The comparator draws
only 3
µA in this state, while monitoring for RF activity.
Typically, this application requires two comparators
and a discrete power-management and signal-
switchover circuit. The MAX975 circuit is smaller, sim-
pler, less costly, and saves design time.
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
14
______________________________________________________________________________________
6
1
3
7
10
R3
VCC
VCC
VIN
5
R2
R1
82.1k, 1%
24.9k, 1%
100k, 1%
2
11
9
OVERVOLTAGE
(PIN NUMBERS SHOWN ARE FOR QSOP PACKAGE)
UNDERVOLTAGE
POWER GOOD
CSTOB
1/2
MAX977
MAX6120
14
15
2
VCC
4
3
1
CSTOA
0.1
µF
1/2
MAX977
Figure 5. Window Comparator
I/0
I/0
WAKE-UP IRQ
3V
3V
0.1
µF
µP
0.1
µF
1M
4.7k
GND
STAT
LP
STO
CSTO
VCC
50
Ω
X-BAND
DETECTOR
MAX975
Figure 6. Toll-Tag Reader



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com