Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB221A Datasheet(PDF) 4 Page - Texas Instruments

Part # TS3USB221A
Description  TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB221A Datasheet(HTML) 4 Page - Texas Instruments

  TS3USB221A_15 Datasheet HTML 1Page - Texas Instruments TS3USB221A_15 Datasheet HTML 2Page - Texas Instruments TS3USB221A_15 Datasheet HTML 3Page - Texas Instruments TS3USB221A_15 Datasheet HTML 4Page - Texas Instruments TS3USB221A_15 Datasheet HTML 5Page - Texas Instruments TS3USB221A_15 Datasheet HTML 6Page - Texas Instruments TS3USB221A_15 Datasheet HTML 7Page - Texas Instruments TS3USB221A_15 Datasheet HTML 8Page - Texas Instruments TS3USB221A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TS3USB221A
SCDS277A – NOVEMBER 2008 – REVISED FEBRUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VCC
–0.5
4.6
V
Control input voltage, VS, V OE
(2) (3)
–0.5
7
V
Switch I/O voltage, VI/O
(2) (3) (4)
–0.5
7
V
Control input clamp current, IIK
VIN < 0
–50
mA
I/O port clamp current, II/OK
VI/O < 0
–50
mA
ON-state switch current, II/O
(5)
±120
mA
Continuous current through VCC or GND
±100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
II and IO are used to denote specific conditions for II/O.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per
All pins except I/O to
±7000
ANSI/ESDA/JEDEC JS-001(1)
GND
V(ESD)
Electrostatic discharge
I/O to GND
±12000
V
Charged-device model (CDM), per JEDEC
All pins
±1000
specification JESD22-C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VCC = 2.3 V to 2.7 V
0.46 × VCC
VCC
High-level control input voltage
V
VCC = 2.7 V to 3.6 V
0.46 × VCC
VCC
VS, V OE
VCC = 2.3 V to 2.7 V
0
0.25 × VCC
Low-level control input voltage
V
VCC = 2.7 V to 3.6 V
0
0.25 × VCC
VI/O
Data input/output voltage
0
5.5
V
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
RSE
THERMAL METRIC(1)
UNIT
10 PINS
RθJA
Junction-to-ambient thermal resistance
179.7
RθJC(top)
Junction-to-case (top) thermal resistance
107.9
RθJB
Junction-to-board thermal resistance
100.7
°C/W
ψJT
Junction-to-top characterization parameter
7.1
ψJB
Junction-to-board characterization parameter
100.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TS3USB221A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com