Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB221A Datasheet(PDF) 2 Page - Texas Instruments

Part # TS3USB221A
Description  TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB221A Datasheet(HTML) 2 Page - Texas Instruments

  TS3USB221A_15 Datasheet HTML 1Page - Texas Instruments TS3USB221A_15 Datasheet HTML 2Page - Texas Instruments TS3USB221A_15 Datasheet HTML 3Page - Texas Instruments TS3USB221A_15 Datasheet HTML 4Page - Texas Instruments TS3USB221A_15 Datasheet HTML 5Page - Texas Instruments TS3USB221A_15 Datasheet HTML 6Page - Texas Instruments TS3USB221A_15 Datasheet HTML 7Page - Texas Instruments TS3USB221A_15 Datasheet HTML 8Page - Texas Instruments TS3USB221A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TS3USB221A
SCDS277A – NOVEMBER 2008 – REVISED FEBRUARY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Parameter Measurement Information .................. 8
2
Applications ........................................................... 1
9
Detailed Description ............................................ 12
9.1
Overview ................................................................. 12
3
Description ............................................................. 1
9.2
Functional Block Diagram ....................................... 12
4
Simplified Schematic............................................. 1
9.1
Feature Description................................................. 13
5
Revision History..................................................... 2
9.2
Device Functional Modes........................................ 13
6
Pin Configuration and Functions ......................... 3
10
Application and Implementation........................ 14
7
Specifications......................................................... 4
10.1
Application Information.......................................... 14
7.1
Absolute Maximum Ratings ..................................... 4
10.2
Typical Application ................................................ 14
7.2
ESD Ratings.............................................................. 4
11
Power Supply Recommendations ..................... 16
7.3
Recommended Operating Conditions ....................... 4
12
Layout................................................................... 16
7.4
Thermal Information .................................................. 4
12.1
Layout Guidelines ................................................. 16
7.5
Electrical Characteristics .......................................... 5
12.2
Layout Example .................................................... 17
7.6
Dynamic Electrical Characteristics, VCC = 3.3 V
±10% .......................................................................... 5
13
Device and Documentation Support ................. 18
7.7
Dynamic Electrical Characteristics, VCC = 2.5 V
13.1
Trademarks ........................................................... 18
±10% .......................................................................... 6
13.2
Electrostatic Discharge Caution ............................ 18
7.8
Switching Characteristics, VCC = 3.3 V ±10%........... 6
13.3
Glossary ................................................................ 18
7.9
Switching Characteristics, VCC = 2.5 V ±10%........... 6
14
Mechanical, Packaging, and Orderable
7.10
Typical Characteristics ............................................ 7
Information ........................................................... 18
5 Revision History
Changes from Original (November 2008) to Revision A
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
•
Deleted the Ordering Information table from the data sheet. See the Mechanical, Packaging, and Orderable
Information section for the ordering information..................................................................................................................... 1
•
Update the document to the new TI data sheet standard ..................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TS3USB221A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com