Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB221A Datasheet(PDF) 1 Page - Texas Instruments

Part # TS3USB221A
Description  TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB221A Datasheet(HTML) 1 Page - Texas Instruments

  TS3USB221A_15 Datasheet HTML 1Page - Texas Instruments TS3USB221A_15 Datasheet HTML 2Page - Texas Instruments TS3USB221A_15 Datasheet HTML 3Page - Texas Instruments TS3USB221A_15 Datasheet HTML 4Page - Texas Instruments TS3USB221A_15 Datasheet HTML 5Page - Texas Instruments TS3USB221A_15 Datasheet HTML 6Page - Texas Instruments TS3USB221A_15 Datasheet HTML 7Page - Texas Instruments TS3USB221A_15 Datasheet HTML 8Page - Texas Instruments TS3USB221A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
D−
D+
1D−
1D+
2D−
2D+
S
OE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TS3USB221A
SCDS277A – NOVEMBER 2008 – REVISED FEBRUARY 2015
TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and
Demultiplexer Switch With Single Enable
1 Features
3 Description
The TS3USB221A device is a high-bandwidth switch
1
•
VCC Operation at 2.5 V to 3.3 V
specially designed for the switching of high-speed
•
VI/O Accepts Signals Up to 5.5 V
USB
2.0
signals
in
handset
and
consumer
•
1.8-V Compatible Control-Pin Inputs
applications, such as cell phones, digital cameras,
and notebooks with hubs or controllers with limited
•
Low-Power Mode When OE Is Disabled (1
μA)
USB I/Os. The wide bandwidth (900 MHz) of this
•
RON = 6 Ω Maximum
switch allows signals to pass with minimum edge and
•
ΔRON = 0.2 Ω Typical
phase distortion. The device multiplexes differential
outputs from a USB host device to one of two
•
Cio(on) = 6 pF Typical
corresponding outputs. The switch is bidirectional and
•
Low Power Consumption (30
μA Maximum)
offers little or no attenuation of the high-speed signals
•
High Bandwidth (900 MHz Typical)
at the outputs. The device also has a low power
•
Latch-Up Performance Exceeds 100 mA
mode that will reduce the power consumtion to 1
μA
Per JESD 78, Class II
for portible applications with a battery or limited
power budget. The device is designed for low bit-to-
•
ESD Performance Tested Per JESD 22
bit skew and high channel-to-channel noise isolation,
–
7000-V Human-Body Model
and is compatible with various standards, such as
(A114-B, Class II)
high-speed USB 2.0 (480 Mbps).
–
1000-V Charged-Device Model (C101)
The TS3USB221A device integrates ESD protection
•
ESD Performance I/O to GND
cells on all pins, is available in a tiny
μQFN package
(2 mm × 1.5 mm) and is characterized over the free
–
12-kV Human-Body Model
air temperature range from –40°C to 85°C.
2 Applications
Device Information(1)
•
Routes Signals for USB 1.0, 1.1, and 2.0
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Mobile Phones
TS3USB221A
UQFN
1.50 mm × 2.00 mm
•
Cameras
(1) For all available packages, see the orderable addendum at
•
Notebooks
the end of the datasheet.
•
USB I/O expansion
4 Simplified Schematic
EN is the internal enable signal applied to the switch.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TS3USB221A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

Similar Description - TS3USB221A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A-Q1 TI1-TS3USB221A-Q1 Datasheet
868Kb / 18P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E_15 Datasheet
1Mb / 26P
TS3USB30E ESD-Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com