Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB221A Datasheet(PDF) 6 Page - Texas Instruments

Part # TS3USB221A
Description  TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB221A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3USB221A_15 Datasheet HTML 2Page - Texas Instruments TS3USB221A_15 Datasheet HTML 3Page - Texas Instruments TS3USB221A_15 Datasheet HTML 4Page - Texas Instruments TS3USB221A_15 Datasheet HTML 5Page - Texas Instruments TS3USB221A_15 Datasheet HTML 6Page - Texas Instruments TS3USB221A_15 Datasheet HTML 7Page - Texas Instruments TS3USB221A_15 Datasheet HTML 8Page - Texas Instruments TS3USB221A_15 Datasheet HTML 9Page - Texas Instruments TS3USB221A_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TS3USB221A
SCDS277A – NOVEMBER 2008 – REVISED FEBRUARY 2015
www.ti.com
7.7 Dynamic Electrical Characteristics, VCC = 2.5 V ±10%
over operating range, TA = –40°C to 85°C, VCC = 2.5 V ±10%, GND = 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
XTALK
Crosstalk
RL = 50 , f = 250 MHz
–39
dB
OIRR
OFF isolation
RL = 50 , f = 250 MHz
-40
dB
BW
Bandwidth (3 dB)
RL = 50
0.9
GHz
7.8 Switching Characteristics, VCC = 3.3 V ±10%
over operating range, TA = –40°C to 85°C, VCC = 3.3 V ±10%, GND = 0 V
PARAMETER
MIN
TYP(1)
MAX
UNIT
tpd
Propagation delay(2) (3)
0.25
ns
S to D, nD
30
tON
Line enable time
ns
OE to D, nD
17
S to D, nD
12
tOFF
Line disable time
ns
OE to D, nD
10
tSK(O)
Output skew between center port to any other port(2)
0.1
0.2
ns
tSK(P)
Skew between opposite transitions of the same output (tPHL– tPLH)
(2)
0.1
0.2
ns
(1)
For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
(2)
Specified by design
(3)
The bus switch contributes no propagational delay other than the RC delay of the on resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25 ns for 10-pF load. Since this time constant is much smaller than the rise/fall
times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch, when used in
a system, is determined by the driving circuit on the driving side of the switch and its interactions with the load on the driven side.
7.9 Switching Characteristics, VCC = 2.5 V ±10%
over operating range, TA = –40°C to 85°C, VCC = 2.5 V ±10%, GND = 0 V
PARAMETER
MIN
TYP(1)
MAX
UNIT
tpd
Propagation delay(2) (3)
0.25
ns
S to D, nD
50
tON
Line enable time
ns
OE to D, nD
32
S to D, nD
23
tOFF
Line disable time
ns
OE to D, nD
12
tSK(O)
Output skew between center port to any other port(2)
0.1
0.2
ns
tSK(P)
Skew between opposite transitions of the same output (tPHL– tPLH)
(2)
0.1
0.2
ns
(1)
For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
(2)
Specified by design
(3)
The bus switch contributes no propagational delay other than the RC delay of the on resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25 ns for 10-pF load. Since this time constant is much smaller than the rise/fall
times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch, when used in
a system, is determined by the driving circuit on the driving side of the switch and its interactions with the load on the driven side.
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TS3USB221A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com