Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35500AFP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M35500AFP
Description  FLD(VFD) CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35500AFP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M35500AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
MITSUBISHI <DIGITAL ASSP>
M35500AFP/BGP
FLD(VFD) CONTROLLER
RESET CIRCUIT
To reset the controller, the RESET pin should be held at a “L” level
for 2
µs or more. Then the RESET pin is returned to an “H” level (the
power source voltage should be between 4.0 V and 5.5 V, and XIN
oscillation is stable), reset is released.
Make sure that the reset input voltage is 0.5 V or less for 4.0 V of
VCC.
Fig. 10. Reset circuit example
(Note)
0.2VCC
0V
0V
Poweron
VCC
RESET
Note. Reset release voltage:VCC = 4.0 V
CLOCK GENERATING CIRCUIT
Oscillating circuit is built up by connecting pins XIN and XOUT as short
as possible and connecting a capacitor between pins XIN (XOUT) and
VSS.
When supplying a clock externally, input it to XIN pin and leave XOUT
pin open.
COSC
XIN
XOUT
XIN
XOUT
VCC
VSS
External oscillation
circuit
Open
Fig. 11. RC generating circuit
Fig. 12. External clock input circuit
HANDLING OF UNUSED PINS
Handle unused pins as the follow.
Pin
Segment
Digit
Analog input
Handling
Open
Open
Connect to VCC or VSS through a resistor.
Table. 2. Handling of unused pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com