Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35500AFP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M35500AFP
Description  FLD(VFD) CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35500AFP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M35500AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
MITSUBISHI <DIGITAL ASSP>
M35500AFP/BGP
FLD(VFD) CONTROLLER
ΣIOH(peak)
ΣIOH(avg)
IOH(peak)
IOH(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
f(XIN)
f(SCLK)
VCC
VSS
VEE
VIH
VIH
VIL
VIL
VCC
VEE
VI
VI
VI
VO
VO
Pd
Topr
Tstg
Power source voltage
Pull-down power source voltage
Input voltage
AN0 – AN5
Input voltage
CS, SIN, SCLK
Input voltage
RESET
Output voltage
DIG0 – DIG17
SEG0 – SEG17
Output voltage
SOUT
Power dissipation
Operating temperature
Storage temperature
Ratings
–0.3 to 7.0
VCC–45 to VCC+0.3
–0.3 to VCC+0.3
–0.3 to VCC+0.3
–0.3 to VCC+0.3
VCC–45 to VCC+0.3
VCC–50 to VCC+0.3
–0.3 to VCC+0.3
600
–20 to 85
–40 to 125
V
V
V
V
V
V
V
mW
°C
°C
• All voltage are based on VSS.
• Output transistors are cut off.
Conditions
Parameter
Symbol
Unit
Power source voltage
Power source voltage
Pull-down power source voltage
“H” input voltage
CS, SIN, SCLK
“H” input voltage
RESET
“L” input voltage
CS, SIN, SCLK
“L” input voltage
RESET
Limits
Min.
4.0
VCC–38
0.75VCC
0.8VCC
0
0
Typ.
5.0
0
Max.
5.5
VCC
VCC
VCC
0.25VCC
0.2VCC
V
V
V
V
V
V
V
Parameter
Symbol
Unit
“H” total peak output current
DIG0 – DIG17, SEG0 – SEG17
(Note 1)
“H” total peak output current
DIG0 – DIG17, SEG0 – SEG17
“H” peak output current
DIG0 – DIG17
(Note 2)
“H” peak output current
SEG0 – SEG7
(Note 2)
“L” peak output current
SOUT
“H” peak output current
DIG0 – DIG17
(Note 3)
“H” peak output current
SEG0 – SEG7
(Note 3)
“L” peak output current
SOUT
Main clock input oscillation frequency
(Note 4)
Serial I/O external clock frequency
Limits
Min.
Typ.
4.0
250
Max.
–240
–120
–40
–20
10
–18
–7
5.0
5.2
mA
mA
mA
mA
mA
mA
mA
mA
MHz
kHz
RECOMMENDED OPERATING CONDITIONS (VCC = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Parameter
Symbol
Unit
Notes 1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average
value measured over 100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current is an average value measured over 100 ms.
4: When the oscillation frequency has a 50 % duty cycle.
• All voltage are based on VSS.
• Output transistors are cut off.
• A waveform: 450
µs or more
frequency and 30
µs or less
pulse width.
• Connect only capacitor load
(CL = 200pF).
• All voltage are based on VSS.
• Output transistors are cut off.
Ta = 25 °C
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS (VCC = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com