Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35500AFP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M35500AFP
Description  FLD(VFD) CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35500AFP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M35500AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
MITSUBISHI <DIGITAL ASSP>
M35500AFP/BGP
FLD(VFD) CONTROLLER
—
—
Tconv
VIA
IIA
RLADDER
VRAM
ICC
“H” output voltage
“L” output voltage
Hysteresis
“H” input voltage
“L” input voltage
Output load current
Output leakage
current
VOH
VOL
VT+— VT–
IIH
IIL
ILOAD
ILEAK
IOH = –18 mA
IOH = –7 mA
IOL = 5 mA
VCC = 5.0 V
VI = VCC
VI = VSS
VEE = VCC–36 V
VOL = VCC
Output transistors “off”
VEE = VCC–38 V
VOL = VCC–38 V
Output transistors “off”
ELECTRICAL CHARACTERISTICS (VCC = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Test conditions
Parameter
Symbol
DIG output
SEG output
SOUT
SIN, SCLK, CS
RESET, XIN
SIN, SCLK, CS
RESET
XIN
SIN, SCLK, CS
RESET
XIN
DIG0 – DIG17
SEG0 – SEG17
DIG0 – DIG17
SEG0 – SEG17
Limits
Min.
VCC–2.0
VCC–2.0
250
Typ.
0.5
0.5
4.0
–150
–4.0
500
Max.
2.0
5.0
5.0
–5.0
750
–10
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
Unit
RAM hold voltage
Power source current
When clock is stopped
VCC = 5 V, f(XIN) = 4.2 MHz
Output transistors “off” at
A-D converter operating
ELECTRICAL CHARACTERISTICS (VCC = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Test conditions
Parameter
Symbol
Limits
Min.
2.0
Typ.
0.5
Max.
5.5
1.0
V
mA
Unit
Resolution
Absolute accuracy (excluding quantization error)
Conversion time
Analog input voltage
Analog port input current
Ladder resistor
VCC = 5.12 V
A-D CONVERTER CHARACTERISTICS (VCC = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Test conditions
Parameter
Symbol
Limits
Min.
0
Typ.
0.5
35
Max.
8
±3
100
VCC
5.0
Bits
LSB
tc(XIN)
V
µA
k
Ω
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com