Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35500AFP Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M35500AFP
Description  FLD(VFD) CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35500AFP Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M35500AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
MITSUBISHI <DIGITAL ASSP>
M35500AFP/BGP
FLD(VFD) CONTROLLER
PACKAGE OUTLINE
QFP44-P-1010-0.80
0.59
Weight(g)
–
JEDEC Code
EIAJ Package Code
Lead Material
Alloy 42
44P6N-A
Plastic 44pin 10!10mm body QFP
–
–
––
–
–
––
–
–
–
–
–
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
0.2
0.1
0.5
–
–
I2
1.3
–
–
MD
10.6
–
–
ME
10.6
10
°
0
°
0.1
1.4
0.8
0.6
0.4
13.1
12.8
12.5
13.1
12.8
12.5
0.8
10.2
10.0
9.8
10.2
10.0
9.8
0.2
0.15
0.13
0.45
0.35
0.3
2.8
0
3.05
e
e
1
44
34
22
33
23
12
11
HD
D
MD
A
F
L1
L
y
I2
Recommended Mount Pad
Detail F
x
–
–
0.2
b
x
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com