Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7231G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7231G
Description  4 channel low-side driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7231G Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7231G Datasheet HTML 1Page - Infineon Technologies AG TLE7231G Datasheet HTML 2Page - Infineon Technologies AG TLE7231G Datasheet HTML 3Page - Infineon Technologies AG TLE7231G Datasheet HTML 4Page - Infineon Technologies AG TLE7231G Datasheet HTML 5Page - Infineon Technologies AG TLE7231G Datasheet HTML 6Page - Infineon Technologies AG TLE7231G Datasheet HTML 7Page - Infineon Technologies AG TLE7231G Datasheet HTML 8Page - Infineon Technologies AG TLE7231G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PG-DSO-14-1
Type
Package
Marking
TLE7231G
PG-DSO-14-1
TLE7231G
Datasheet
3
Rev. 1.2, 2014-05-09
SPI Driver for Enhanced Relay Control
SPIDER - TLE7231G
TLE7231G
1Overview
Features
4 channel low-side relay driver
8-bit SPI for diagnostics and control
SPI providing Daisy Chain Capability
Very wide range for digital Supply Voltage
An input pin provides flexible and straightforward PWM operation
Stable behavior at Under Voltage
Green Product (RoHS compliant)
AEC Qualified
Diagnostic Features
Latched diagnostic information via SPI
Over temperature monitoring
Over load detection in ON state
Open load detection in OFF state
Table 1
Product Summary
Digital supply voltage
V
DD
3.0 V ... 5.5 V
Analog supply voltage
V
DDA
4.5 V ... 5.5 V
ON State resistance at Tj = 150°C for each channel
R
DS(ON)
2.2
Ω
Nominal load current
I
D (nom,min)
320 mA
Overload switch off threshold
I
D (OVL,max) 950 mA
Output leakage current per channel at 25 °C
I
D (STB,max) 1 µA
Drain to Source clamping voltage
V
DS(AZ)
41 V
SPI clock frequency
f
SCLK
5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com