Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7231G Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE7231G
Description  4 channel low-side driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7231G Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE7231G Datasheet HTML 11Page - Infineon Technologies AG TLE7231G Datasheet HTML 12Page - Infineon Technologies AG TLE7231G Datasheet HTML 13Page - Infineon Technologies AG TLE7231G Datasheet HTML 14Page - Infineon Technologies AG TLE7231G Datasheet HTML 15Page - Infineon Technologies AG TLE7231G Datasheet HTML 16Page - Infineon Technologies AG TLE7231G Datasheet HTML 17Page - Infineon Technologies AG TLE7231G Datasheet HTML 18Page - Infineon Technologies AG TLE7231G Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Datasheet
15
Rev. 1.2, 2014-05-09
SPI Driver for Enhanced Relay Control
SPIDER - TLE7231G
Power Stages
6.4.18
H-input pull-down current through
pin
I
IN(H)
10
40
80
µA
V
DD = 5 V
V
IN = 5 V
6.4.19
L level of pin RST
V
RST(L)
0
0.2*
V
DD
6.4.20
H level of pin RST
V
RST(H)
0.4*
V
DD
V
DD
6.4.21
L-input pull-down current through
pin RST
I
RST(L)
312
80
µA
V
DD = 5 V
1)
V
RST = 0.6 V
6.4.22
H-input pull-down current through
pin RST
I
RST(H)
10
40
80
µA
V
DD = 5 V
V
RST = 5 V
Timings
6.4.23
Sleep wake-up time
t
wu(sleep)
––
200
µs
6.4.24
Reset duration
t
RST(L)
1
––µs
6.4.25
Turn-on time
VDS = 20% VBAT
t
ON
5–
60
µs
V
BAT = 13.5 V
I
D = 250 mA,
resistive load
6.4.26
Turn-off time
VDS = 80% VBAT
t
OFF
10
60
µs
V
BAT = 13.5 V
I
D = 250 mA,
resistive load
1) Not subject to production test, specified by design
2) calculated value based on following parameters:
all channels on with equal load current, RDS(ON) = RDS(ON,150°C) , Ta = 85 °C, TJ,max = 150 °C, Rth = RthJA(typ)
V
DD = 3.0 V to VDDA, VDDA = 4.5 V to 5.5 V, TJ = -40 °C to +150 °C
All voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
typical values:
V
DD = 5.0 V, VDDA = 5.0 V, TJ = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com