Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7231G Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7231G
Description  4 channel low-side driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7231G Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7231G Datasheet HTML 13Page - Infineon Technologies AG TLE7231G Datasheet HTML 14Page - Infineon Technologies AG TLE7231G Datasheet HTML 15Page - Infineon Technologies AG TLE7231G Datasheet HTML 16Page - Infineon Technologies AG TLE7231G Datasheet HTML 17Page - Infineon Technologies AG TLE7231G Datasheet HTML 18Page - Infineon Technologies AG TLE7231G Datasheet HTML 19Page - Infineon Technologies AG TLE7231G Datasheet HTML 20Page - Infineon Technologies AG TLE7231G Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Datasheet
17
Rev. 1.2, 2014-05-09
SPI Driver for Enhanced Relay Control
SPIDER - TLE7231G
Protection Functions
7.4
Electrical Characteristics Protection
V
DD = 3.0 V to VDDA, VDDA = 4.5 V to 5.5 V, TJ = -40 °C to +150 °C
All voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
typical values:
V
DD = 5.0 V, VDDA = 5.0 V, TJ = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Over Load Protection
7.4.1
Over load detection current
I
D(OVL)
0.5
0.95
A
7.4.2
Over load shut-down delay time
t
OFF(OVL)
5–
60
µs
Over Temperature Protection
7.4.3
Thermal shut down temperature
T
J(SC)
150
1701)
1) Not subject to production test, specified by design
°C–
7.4.4
Thermal hysteresis
ΔT
J
–10
K
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com