Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7231G Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7231G
Description  4 channel low-side driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7231G Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7231G Datasheet HTML 16Page - Infineon Technologies AG TLE7231G Datasheet HTML 17Page - Infineon Technologies AG TLE7231G Datasheet HTML 18Page - Infineon Technologies AG TLE7231G Datasheet HTML 19Page - Infineon Technologies AG TLE7231G Datasheet HTML 20Page - Infineon Technologies AG TLE7231G Datasheet HTML 21Page - Infineon Technologies AG TLE7231G Datasheet HTML 22Page - Infineon Technologies AG TLE7231G Datasheet HTML 23Page - Infineon Technologies AG TLE7231G Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7231G
Serial Peripheral Interface (SPI)
Datasheet
20
Rev. 1.2, 2014-05-09
9
Serial Peripheral Interface (SPI)
The diagnosis and control interface is based on a serial peripheral interface (SPI).
The SPI is a full duplex synchronous serial slave interface, which uses four lines: SO, SI, SCLK and CS. Data is
transferred by the lines SI and SO at the data rate given by SCLK. The falling edge of CS indicates the beginning
of a data access. Data is sampled in on line SI at the falling edge of SCLK and shifted out on line SO at the rising
edge of SCLK. Each access must be terminated by a rising edge of CS. A modulo 8 counter ensures that data is
taken only, when a multiple of 8 bit has been transferred. The interface provides daisy chain capability.
Figure 9
Serial Peripheral Interface
The SPI protocol is described in Chapter 9.3. It is reset to the default values after power-on reset.
9.1
SPI Signal Description
CS - Chip Select:
The system micro controller selects the TLE7231G by means of the CS pin. Whenever the pin is in low state, data
transfer can take place. When CS is in high state, any signals at the SCLK and SI pins are ignored and SO is
forced into a high impedance state.
CS High to Low transition:
The diagnosis information is transferred into the shift register.
SO changes from high impedance state to high or low state depending on the logic OR combination between
the transmission error flag (TER) and the signal level at pin SI. As a result, even in daisy chain configuration,
a high signal indicates a faulty transmission. The transmission error flag is set after any kind of reset, so a reset
between two SPI commands is indicated. For details, please refer to Figure 10. This information stays
available to the first rising edge of SCLK.
MSB
MSB
SPI.emf
LSB
6
5
4
3
2
1
LSB
6
5
4
3
2
1
SO
SI
CS
SCLK
time
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com