Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258D Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7258D
Description  TLE7258D
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258D Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7258D Datasheet HTML 5Page - Infineon Technologies AG TLE7258D Datasheet HTML 6Page - Infineon Technologies AG TLE7258D Datasheet HTML 7Page - Infineon Technologies AG TLE7258D Datasheet HTML 8Page - Infineon Technologies AG TLE7258D Datasheet HTML 9Page - Infineon Technologies AG TLE7258D Datasheet HTML 10Page - Infineon Technologies AG TLE7258D Datasheet HTML 11Page - Infineon Technologies AG TLE7258D Datasheet HTML 12Page - Infineon Technologies AG TLE7258D Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TLE7258D
Functional Description
Data Sheet
9
Rev. 1.2, 2014-12-08
While the TLE7258D is in Normal Operation mode the following functions are available:
•
The transmitter is turned on; data on the TxD input are driven on the LIN bus.
•
The receiver is turned on; data on the LIN bus are monitored and signaled on the RxD output.
•
The BUS pin is terminated to
V
S via the internal termination resistor RBUS (see Figure 1).
•
The TxD input is pulled up via a current source to the internal power supply of the TLE7258D.
•
The bus wake-up comparator is turned off.
•
The two-level undervoltage detection is active. In case
V
S drops below the undervoltage detection level the
TLE7258D blocks the transmitter and receiver. In case
V
S drops below the power-on reset level VS,UV,PON the
TLE7258D changes the operation mode to Standby mode after recovery (see “Undervoltage Detection” on
Page 15).
•
The EN input is active. A “low” signal on the EN input triggers a transition to Sleep.
After a mode change to Normal Operation the TLE7258D requires a logical “high” signal for the time
t
to,rec on the
TxD input before releasing the data communication (see Figure 5). The transmitter remains deactivated as long
as the signal on the TxD input remains logical “low”, preventing possible bus communication disturbance.
4.3
Standby Mode
The Standby mode is entered automatically after:
•
A power-up event on the supply
V
S.
•
A bus wake-up event.
•
A power-on reset caused by the supply
V
S.
In Standby mode no communication to the LIN bus is possible. The transmitter and the receiver are disabled.
While the TLE7258D is in Standby mode the following functions are available:
•
The transmitter is turned off, the TxD input is inactive and the bus output is permanent “recessive”.
•
The receiver is turned off.
•
The RxD output indicates either a wake-up event or a power-up event (see Figure 4 and Table 1).
•
The BUS pin is terminated to
V
S via the internal termination resistor RBUS (see Figure 1).
•
The TxD input is pulled up with a current source to the internal power supply of the TLE7258D.
•
In Standby mode only the power-on reset level of the undervoltage detection is active (see “Undervoltage
Detection” on Page 15).
•
The EN input is active. A “high” signal on the EN input triggers a transition to Normal Operation mode (see
Figure 5).
After a power-up event the TLE7258D enters Standby mode by default. The EN pin has an internal pull-down
resistor and the TLE7258D remains in Standby until the external microcontroller applies a logical “high” signal at
the EN input (see Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com