| Electronic Components Datasheet Search |
|
TLE7258D Datasheet(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7258D Datasheet(HTML) 13 Page - Infineon Technologies AG |
|
13 / 31 page ![]() TLE7258D Functional Description Data Sheet 13 Rev. 1.2, 2014-12-08 4.6 Mode Transition via EN input Figure 9 Entering Normal Operation mode from Sleep mode The EN input is used for operation mode control of the TLE7258D. By setting the EN input logical “high” for the time t MODE while being Sleep or Standby mode, a transition to Normal Operation mode will be triggered (see Figure 9). The EN input has an integrated pull-down resistor to ensure the device remains in Sleep or Standby mode even if the EN pin is left open. The EN input has an integrated hysteresis. A signal transition from logical “high” to “low” on the EN input changes the operation mode from Normal Operation mode to Sleep mode (see Figure 5). The TLE7258D changes the operation modes regardless of the signal on the BUS pin. In the case of a short circuit between the LIN bus and GND, resulting in a permanent “dominant” signal, the TLE7258D can be set to Sleep mode by setting the EN input to logical “low”. After a mode change to Normal Operation mode, a logical “high” signal for the time t to,rec on the TxD input is required to release the data communication. TLE7258D_ENABLE 1) The TxD signal is driven from the external microcontroller V EN,OFF Sleep mode t to,rec V EN,ON Hysteresis Normal Operation mode Sleep mode t EN t Data transmission RxD t Data transmission TxD 1) t MODE t MODE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |