| Electronic Components Datasheet Search |
|
TLE7258D Datasheet(PDF) 11 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7258D Datasheet(HTML) 11 Page - Infineon Technologies AG |
|
11 / 31 page ![]() TLE7258D Functional Description Data Sheet 11 Rev. 1.2, 2014-12-08 4.4 Sleep Mode Sleep mode is a low power mode with quiescent current consumption reduced to a minimum while the device is still able to wake-up by a message on the LIN bus. To switch the TLE7258D from Normal Operation mode to Sleep mode, the EN input has to be set to “low”. Conversely a logical “high” signal on the EN input sets the device directly back to Normal Operation mode (see Figure 4). The TLE7258D can only enter Sleep mode from Normal Operation mode. Figure 7 Entering Sleep mode from Normal Operation mode While the TLE7258D is in Sleep mode the following functions are available: • The transmitter is turned off. • The receiver is turned off. • The BUS output is terminated to V S via the internal termination resistor RBUS (see Figure 1). • The RxD output is “high” if a pull-up resistor is connected to the external microcontroller supply. • The TxD input is disabled and the internal pull-up current source is switched off. • The bus wake-up comparator is active and will cause transition to Standby mode in case of a wake-up event. • In Sleep mode only the power-on reset level of the undervoltage detection is active (see “Undervoltage Detection” on Page 15). • The EN input remains active. A “high” signal on the EN input triggers a transition to Normal Operation mode. TxD: „high impedance“ TLE7258D_SLEEP_MODE t RxD: „high“ or „low“ depending on the signals on the LIN bus t t Data transmission t Mode RxD: “high“ because of external pull-up resistor to the microcontroller supply voltage Sleep mode Normal Operation mode TxD RxD EN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |