Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2510 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP2510
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP2510 Datasheet HTML 21Page - Microchip Technology MCP2510 Datasheet HTML 22Page - Microchip Technology MCP2510 Datasheet HTML 23Page - Microchip Technology MCP2510 Datasheet HTML 24Page - Microchip Technology MCP2510 Datasheet HTML 25Page - Microchip Technology MCP2510 Datasheet HTML 26Page - Microchip Technology MCP2510 Datasheet HTML 27Page - Microchip Technology MCP2510 Datasheet HTML 28Page - Microchip Technology MCP2510 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 25
MCP2510
REGISTER 4-2:
RXB1CTRL - Receive Buffer 1 Control Register (ADDRESS: 70h)
U-0
R/W-0
R/W-0
U-0
R-0
R-0
R-0
R-0
—
RXM1
RXM0
—
RXRTR
FILHIT2
FILHIT1 FILHIT0
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7:
Unimplemented: Reads as ‘0’
bit 6-5:
RXM<1:0>: Receive Buffer Operating Mode
11 = Turn mask/filters off; receive any message
10 = Receive only valid messages with extended identifiers that meet filter criteria
01 = Receive only valid messages with standard identifiers that meet filter criteria
00 = Receive all valid messages using either standard or extended identifiers that meet filter criteria
bit 4:
Unimplemented: Reads as ‘0’
bit 3:
RXRTR: Received Remote Transfer Request
1 = Remote Transfer Request Received
0 = No Remote Transfer Request Received
bit 2-0:
FILHIT<2:0>: Filter Hit - indicates which acceptance filter enabled reception of message
101 = Acceptance Filter 5 (RXF5)
100 = Acceptance Filter 4 (RXF4)
011 = Acceptance Filter 3 (RXF3)
010 = Acceptance Filter 2 (RXF2)
001 = Acceptance Filter 1 (RXF1) (Only if BUKT bit set in RXB0CTRL)
000 = Acceptance Filter 0 (RXF0) (Only if BUKT bit set in RXB0CTRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com