Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2510 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2510
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510 Datasheet(HTML) 1 Page - Microchip Technology

  MCP2510 Datasheet HTML 1Page - Microchip Technology MCP2510 Datasheet HTML 2Page - Microchip Technology MCP2510 Datasheet HTML 3Page - Microchip Technology MCP2510 Datasheet HTML 4Page - Microchip Technology MCP2510 Datasheet HTML 5Page - Microchip Technology MCP2510 Datasheet HTML 6Page - Microchip Technology MCP2510 Datasheet HTML 7Page - Microchip Technology MCP2510 Datasheet HTML 8Page - Microchip Technology MCP2510 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 1
MCP2510
FEATURES
• Implements Full CAN V2.0A and V2.0B at 1 Mb/s
- 0 - 8 byte message length
- Standard and extended data frames
- Programmable bit rate up to 1 Mb/s
- Support for remote frames
- Two receive buffers with prioritized message
storage
- Six full acceptance filters
- Two full acceptance filter masks
- Three transmit buffers with prioritization and
abort features
- Loop-back mode for self test operation
• Hardware Features
- High Speed SPI Interface
(5 MHz at 4.5V I temp)
- Supports SPI modes 0,0 and 1,1
- Clock out pin with programmable prescaler
- Interrupt output pin with selectable enables
- ‘Buffer full’ output pins configureable as inter-
rupt pins for each receive buffer or as general
purpose digital outputs
- ‘Request to Send’ input pins configureable as
control pins to request immediate message
transmission for each transmit buffer or as
general purpose digital inputs
- Low Power Sleep mode
• Low power CMOS technology
- Operates from 3.0V to 5.5V
- 5 mA active current typical
-10
µA standby current typical at 5.5V
• 18-pin PDIP/SOIC and 20-pin TSSOP packages
• Temperature ranges supported:
DESCRIPTION
The Microchip Technology Inc. MCP2510 is a Full Con-
troller Area Network (CAN) protocol controller imple-
menting CAN specification V2.0 A/B. It supports CAN
1.2, CAN 2.0A, CAN 2.0B Passive, and CAN 2.0B
Active versions of the protocol, and is capable of trans-
mitting and receiving standard and extended messages.
It is also capable of both acceptance filtering and mes-
sage management. It includes three transmit buffers and
two receive buffers that reduce the amount of microcon-
troller (MCU) management required. The MCU commu-
nication is implemented via an industry standard Serial
Peripheral Interface (SPI) with data rates up to 5Mb/s.
PACKAGE TYPES
- Industrial (I):
-40°Cto +85°C
- Extended (E):
-40°C to +125°C
18 LEAD PDIP
TXCAN
RXCAN
VDD
RESET
CS
SO
1
2
3
4
18
17
16
15
SI
SCK
INT
RX0BF
14
13
12
11
RX1BF
10
OSC2
OSC1
CLKOUT
TX2RTS
5
6
7
8
Vss
9
TXCAN
RXCAN
TX0RTS
OSC1
CLKOUT
OSC2
CS
VDD
RESET
SO
SCK
INT
SI
RX0BF
RX1BF
Vss
TX0RTS
TX1RTS
TX1RTS
TX2RTS
18 LEAD SOIC
TXCAN
RXCAN
TX0RTS
OSC1
CLKOUT
OSC2
CS
VDD
RESET
SO
SCK
INT
SI
RX0BF
RX1BF
Vss
11
10
TX1RTS
TX2RTS
20 LEAD TSSOP
NC
NC
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
13
12
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
11
10
Stand-Alone CAN Controller with SPI™ Interface
SPI is a registered trademark of Motorola Inc.


Similar Part No. - MCP2510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2510 MICROCHIP-MCP2510 Datasheet
703Kb / 80P
Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2510-/P MICROCHIP-MCP2510-/P Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
MCP2510-/SO MICROCHIP-MCP2510-/SO Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
MCP2510-/ST MICROCHIP-MCP2510-/ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
MCP2510-E/P MICROCHIP-MCP2510-E/P Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
More results

Similar Description - MCP2510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
Stand-Alone Ethernet Controller with SPI Interface
10/26/12
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com