Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2510 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP2510
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP2510 Datasheet HTML 16Page - Microchip Technology MCP2510 Datasheet HTML 17Page - Microchip Technology MCP2510 Datasheet HTML 18Page - Microchip Technology MCP2510 Datasheet HTML 19Page - Microchip Technology MCP2510 Datasheet HTML 20Page - Microchip Technology MCP2510 Datasheet HTML 21Page - Microchip Technology MCP2510 Datasheet HTML 22Page - Microchip Technology MCP2510 Datasheet HTML 23Page - Microchip Technology MCP2510 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
MCP2510
DS21291C-page 20
Preliminary
 2000 Microchip Technology Inc.
REGISTER 3-7:
TXBNDLC - Transmit Buffer N Data Length Code (ADDRESS: 35h, 45h, 55h)
REGISTER 3-8:
TXBNDM - Transmit Buffer N Data Field Byte m (ADDRESS: 36h-3Dh, 46h-4Dh, 56h-5Dh)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
RTR
—
—
DLC3
DLC2
DLC1
DLC0
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7:
Unimplemented: Reads as ‘0’
bit 6:
RTR: Remote Transmission Request Bit
1 = Transmitted Message will be a Remote Transmit Request
0 = Transmitted Message will be a Data Frame
bit 5-4:
Unimplemented: Reads as ‘0’
bit 3-0:
DLC<3:0>: Data Length Code
Sets the number of data bytes to be transmitted (0 to 8 bytes)
NOTE: It is possible to set the DLC to a value greater than 8, however only 8 bytes are transmitted
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
TXBNDm7 TXBNDm6 TXBNDm5 TXBNDm4 TXBNDm3 TXBNDm2 TXBNDm1 TXBNDm0
R = Readable bit
W = Writable bit
C = Bit can be cleared
by
MCU but not set
U = Unimplemented
- reads as ‘0’
- n = Value at POR
reset
bit 7
bit 0
bit 7-0:
TXBNDM7:TXBNDM0: Transmit Buffer N Data Field Byte m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com