Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2510 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP2510
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2510 Datasheet HTML 14Page - Microchip Technology MCP2510 Datasheet HTML 15Page - Microchip Technology MCP2510 Datasheet HTML 16Page - Microchip Technology MCP2510 Datasheet HTML 17Page - Microchip Technology MCP2510 Datasheet HTML 18Page - Microchip Technology MCP2510 Datasheet HTML 19Page - Microchip Technology MCP2510 Datasheet HTML 20Page - Microchip Technology MCP2510 Datasheet HTML 21Page - Microchip Technology MCP2510 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
MCP2510
DS21291C-page 18
Preliminary
 2000 Microchip Technology Inc.
REGISTER 3-2:
TXRTSCTRL - TXNRTS Pin Control and Status Register (ADDRESS: 0Dh)
REGISTER 3-3:
TXBNSIDH - Transmit Buffer N Standard Identifier High (ADDRESS: 31h, 41h, 51h)
U-0
U-0
R-x
R-x
R-x
R/W-0
R/W-0
R/W-0
—
—
B2RTS
B1RTS
B0RTS
B2RTSM
B1RTSM
B0RTSM
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented - reads
as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7:
Unimplemented: Reads as ‘0’
bit 6:
Unimplemented: Reads as ‘0’
bit 5:
B2RTS: TX2RTS Pin State
- Reads state of TX2RTS pin when in digital input mode
- Reads as ‘0’ when pin is in ‘request to send’ mode
bit 4:
B1RTS: TX1RTX Pin State
- Reads state of TX1RTS pin when in digital input mode
- Reads as ‘0’ when pin is in ‘request to send’ mode
bit 3:
B0RTS: TX0RTS Pin State
- Reads state of TX0RTS pin when in digital input mode
- Reads as ‘0’ when pin is in ‘request to send’ mode
bit 2:
B2RTSM: TX2RTS Pin Mode
1 = Pin is used to request message transmission of TXB2 buffer (on falling edge)
0 = Digital input
bit 1:
B1RTSM: TX1RTS Pin Mode
1 = Pin is used to request message transmission of TXB1 buffer (on falling edge)
0 = Digital input
bit 0:
B0RTSM: TX0RTS Pin Mode
1 = Pin is used to request message transmission of TXB0 buffer (on falling edge)
0 = Digital input
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7-0:
SID<10:3>: Standard Identifier Bits <10:3>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com