Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773 Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC16LC773
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773 Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC16LC773 Datasheet HTML 183Page - Microchip Technology PIC16LC773 Datasheet HTML 184Page - Microchip Technology PIC16LC773 Datasheet HTML 185Page - Microchip Technology PIC16LC773 Datasheet HTML 186Page - Microchip Technology PIC16LC773 Datasheet HTML 187Page - Microchip Technology PIC16LC773 Datasheet HTML 188Page - Microchip Technology PIC16LC773 Datasheet HTML 189Page - Microchip Technology PIC16LC773 Datasheet HTML 190Page - Microchip Technology PIC16LC773 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 187
APPENDIX A: REVISION HISTORY
APPENDIX B: DEVICE DIFFERENCES
The differences between the devices in this data sheet
are listed in Table B-1.
APPENDIX C: CONVERSION CONSIDERATIONS
Considerations for converting from previous versions of
devices to the ones listed in this data sheet are listed in
the following:
PIC16C774 vs. PIC16C74A
• RA2
Added VREF- and VRL
• RA3
Added VREF+ and VRH
• RA5
Removed SS
•Pin 11
AVDD vs. VDD
•Pin 12
AVSS vs. VSS
• RB1
Added SS, SS is now ST vs. TTL
• RB2
Added AN8
• RB3
Added AN9 and LVDIN
PIC16C773 vs. PIC16C73A
• RA2
Added VREF- and VRL
• RA3
Added VREF+ and VRH
•Pin 7
AVDD vs. removed RA5/SS/AN4
•Pin 8
AVSS vs. VSS
• RB1
Added SS, SS is now ST vs. TTL
• RB2
Added AN8
• RB3
Added AN9 and LVDIN
Program Memory Differences
none
Data Memory Differences
1.
Data memory size has increased to 256 from
192 by adding bank 2.
2.
Bank 1 locations 0xF0 - 0xFF are now common
RAM locations across banks 0-3.
Peripheral Differences
1.
12-bit A/D replaces 8-bit A/D.
2.
Master Synchronous Serial Port replace
Synchronous Serial Port.
3.
USART adds 9-bit address mode to module.
4.
Bandgap Voltage Reference added.
5.
Low-voltage Detect Module added.
6.
Selectable Brown-out Reset voltages added.
Version
Date
Revision Description
A
99
This is a new data sheet. However, the devices described in this data sheet are
the upgrades to the devices found in the
PIC16C7X Data Sheet, DS30390E.
TABLE B-1:
DEVICE DIFFERENCES
Difference
PIC16C773
PIC16C774
A/D
6 channels, 12 bits
10 channels, 12 bits
Parallel Slave Port
no
yes
Packages
28-pin PDIP, 28-pin windowed CERDIP,
28-pin SOIC, 28-pin SSOP
40-pin PDIP, 40-pin windowed CERDIP,
44-pin TQFP, 44-pin MQFP,
44-pin PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com