Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773 Datasheet(PDF) 184 Page - Microchip Technology

Part # PIC16LC773
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773 Datasheet(HTML) 184 Page - Microchip Technology

Back Button PIC16LC773 Datasheet HTML 180Page - Microchip Technology PIC16LC773 Datasheet HTML 181Page - Microchip Technology PIC16LC773 Datasheet HTML 182Page - Microchip Technology PIC16LC773 Datasheet HTML 183Page - Microchip Technology PIC16LC773 Datasheet HTML 184Page - Microchip Technology PIC16LC773 Datasheet HTML 185Page - Microchip Technology PIC16LC773 Datasheet HTML 186Page - Microchip Technology PIC16LC773 Datasheet HTML 187Page - Microchip Technology PIC16LC773 Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 200 page
background image
PIC16C77X
DS30275A-page 184
Advance Information
© 1999 Microchip Technology Inc.
17.9
K04-071 44-Lead Plastic Quad Flatpack (PQ) 10x10x2 mm Body, 1.6/0.15 mm Lead Form
*
Controlling Parameter.
†
Dimension “B” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B.”
‡
Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”
JEDEC equivalent:MS-022 AB
0.025
0.390
0.390
0.510
0.510
0.012
0.005
0.011
0.015
0.005
0.005
0.002
0.032
0.079
p
Pitch
Mold Draft Angle Bottom
Mold Draft Angle Top
Pin 1 Corner Chamfer
Molded Pack. Width
Molded Pack. Length
Outside Tip Width
Outside Tip Length
Lower Lead Width
Radius Centerline
Gull Wing Radius
Shoulder Radius
Shoulder Height
Overall Pack. Height
Pins along Width
Lead Thickness
Foot Angle
Foot Length
Standoff
Number of Pins
β
α
X
E‡
D‡
c
φ
A2
A1
A
n1
n
R2
E1
D1
B†
L1
L
R1
Dimension Limits
Units
MIN
0.80
0.031
0.635
12.95
12.95
0.035
0.394
0.394
5
5
10
12
15
15
0.045
0.398
0.398
0.012
0.520
0.520
0.015
0.007
0.016
0.020
03.5
0.005
0.006
0.044
0.086
11
44
0.015
0.009
0.530
0.530
0.018
0.021
0.025
7
0.010
0.010
0.056
0.093
5
5
9.90
9.90
10
12
10.00
10.00
0.89
1.143
10.10
10.10
15
15
0.30
0.13
0.13
0.30
0
0.28
0.38
0.18
13.20
13.20
0.37
3.5
0.41
0.51
0.13
0.05
0.81
2.00
0.13
0.15
1.11
11
2.18
44
0.38
13.45
13.45
0.45
0.23
0.53
0.64
7
0.25
0.25
1.41
2.35
MIN
NOM
INCHES
MAX
MILLIMETERS*
NOM
MAX
X x 45°
n
1
2
R2
R1
D
D1
B
p
E1
E
# leads = n1
L1
L
c
β
φ
α
A1
A
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com