Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773 Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC16LC773
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773 Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC16LC773 Datasheet HTML 178Page - Microchip Technology PIC16LC773 Datasheet HTML 179Page - Microchip Technology PIC16LC773 Datasheet HTML 180Page - Microchip Technology PIC16LC773 Datasheet HTML 181Page - Microchip Technology PIC16LC773 Datasheet HTML 182Page - Microchip Technology PIC16LC773 Datasheet HTML 183Page - Microchip Technology PIC16LC773 Datasheet HTML 184Page - Microchip Technology PIC16LC773 Datasheet HTML 185Page - Microchip Technology PIC16LC773 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 200 page
background image
PIC16C77X
DS30275A-page 182
Advance Information
© 1999 Microchip Technology Inc.
17.7
K04-014 40-Lead Ceramic Dual In-line with Window (JW) – 600 mil
*
Controlling Parameter.
n
1
2
R
Window Diameter
Overall Row Spacing
Radius to Radius Width
Package Width
Package Length
Tip to Seating Plane
Base to Seating Plane
Top of Lead to Seating Plane
Top to Seating Plane
Lead Thickness
Shoulder Radius
Upper Lead Width
Lower Lead Width
Number of Pins
PCB Row Spacing
Dimension Limits
Pitch
E1
W
eB
D
E
L
A2
A1
A
c
p
B1
R
B
n
9.14
18.03
15.24
13.36
52.32
3.68
3.89
5.59
0.36
0.25
0.58
2.59
MAX
0.014
0.011
0.008
0.350
0.660
0.580
0.520
2.050
0.140
0.045
0.135
0.205
0.560
0.340
0.610
0.514
2.040
0.135
0.030
0.117
0.190
0.600
0.360
0.710
0.526
2.060
0.145
0.060
0.153
0.220
0.005
0.053
0.020
0.100
0.600
NOM
0.000
0.050
0.016
0.098
MIN
40
0.102
0.010
0.055
0.023
MAX
0.28
0.20
14.22
15.49
8.64
13.06
51.82
3.43
0.00
2.97
4.83
14.73
16.76
8.89
13.21
52.07
3.56
1.14
3.43
5.21
MIN
2.49
1.27
0.00
0.41
2.54
1.33
0.13
0.50
15.24
NOM
40
1.52
1.40
D
W
E
c
eB
E1
p
L
A1
B1
B
A
A2
Units
INCHES*
MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com