Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773 Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC16LC773
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773 Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC16LC773 Datasheet HTML 177Page - Microchip Technology PIC16LC773 Datasheet HTML 178Page - Microchip Technology PIC16LC773 Datasheet HTML 179Page - Microchip Technology PIC16LC773 Datasheet HTML 180Page - Microchip Technology PIC16LC773 Datasheet HTML 181Page - Microchip Technology PIC16LC773 Datasheet HTML 182Page - Microchip Technology PIC16LC773 Datasheet HTML 183Page - Microchip Technology PIC16LC773 Datasheet HTML 184Page - Microchip Technology PIC16LC773 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 181
17.6
K04-016 40-Lead Plastic Dual In-line (P) – 600 mil
*
Controlling Parameter.
†
Dimension “B1” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B1.”
‡
Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”
n
2
1
R
Top to Seating Plane
Mold Draft Angle Bottom
Mold Draft Angle Top
Overall Row Spacing
Radius to Radius Width
Molded Package Width
Tip to Seating Plane
Base to Seating Plane
Top of Lead to Seating Plane
Package Length
E1
β
eB
α
L
E‡
D‡
A2
A1
0.670
0.585
0.540
2.023
0.135
0.040
0.113
0.545
5
5
0.630
0.125
0.530
2.013
0.020
0.073
0.565
10
0.610
10
0.130
0.535
2.018
0.020
0.093
16.00
13.84
13.46
51.13
3.18
0.51
1.85
15
15
14.35
5
5
10
15.49
10
3.30
13.59
51.26
0.51
2.36
14.86
17.02
15
15
13.72
51.38
3.43
1.02
2.87
PCB Row Spacing
Lead Thickness
Shoulder Radius
Upper Lead Width
Lower Lead Width
Pitch
Number of Pins
Dimension Limits
Units
p
c
A
R
B
B1†
n
0.160
0.011
0.010
0.055
0.020
NOM
INCHES*
0.110
0.009
0.000
0.045
0.016
MIN
0.100
0.160
0.010
0.005
0.050
0.018
40
0.600
MAX
2.79
0.23
0.00
1.14
0.41
MIN
2.54
4.06
0.25
0.13
1.27
0.46
NOM
MILLIMETERS
15.24
40
4.06
0.28
0.25
1.40
0.51
MAX
A1
D
E
c
β
eB
E1
α
p
L
B
B1
A
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com