Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773 Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC16LC773
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773 Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC16LC773 Datasheet HTML 174Page - Microchip Technology PIC16LC773 Datasheet HTML 175Page - Microchip Technology PIC16LC773 Datasheet HTML 176Page - Microchip Technology PIC16LC773 Datasheet HTML 177Page - Microchip Technology PIC16LC773 Datasheet HTML 178Page - Microchip Technology PIC16LC773 Datasheet HTML 179Page - Microchip Technology PIC16LC773 Datasheet HTML 180Page - Microchip Technology PIC16LC773 Datasheet HTML 181Page - Microchip Technology PIC16LC773 Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 200 page
background image
PIC16C77X
DS30275A-page 178
Advance Information
© 1999 Microchip Technology Inc.
17.3
K04-080 28-Lead Ceramic Dual In-line with Window (JW) – 300 mil
* Controlling Parameter.
n
1
2
R
Overall Row Spacing
Radius to Radius Width
Package Length
Tip to Seating Plane
Base to Seating Plane
Top of Lead to Seating Plane
Top to Seating Plane
Shoulder Radius
Upper Lead Width
Lower Lead Width
PCB Row Spacing
Dimension Limits
Window Width
Window Length
Package Width
Lead Thickness
Pitch
Number of Pins
Units
0.170
A
0.130
W1
W2
0.290
D
E1
eB
E
A2
L
A1
1.430
0.345
0.255
0.285
0.135
0.015
0.107
B
R
c
B1
n
p
0.016
0.008
0.010
0.050
0.098
MIN
MILLIMETERS
4.32
0.195
0.183
0.310
0.150
0.425
0.285
0.295
1.485
0.145
0.030
0.143
0.140
0.300
0.385
0.270
0.290
1.458
0.140
0.023
0.125
0.13
0.29
36.32
8.76
6.48
7.24
3.43
0.00
2.72
0.012
0.015
0.065
0.021
0.102
MAX
NOM
0.010
0.013
0.058
0.019
0.100
0.300
28
INCHES*
0.41
0.20
0.25
1.27
2.49
MIN
4.95
4.64
0.31
0.15
10.80
7.24
7.49
37.72
3.68
0.76
3.63
0.14
0.3
37.02
6.86
9.78
7.37
0.57
3.56
3.18
0.30
0.38
1.65
0.53
2.59
NOM
28
0.47
0.32
0.25
1.46
2.54
7.62
MAX
D
W2
W1
E
c
E1
eB
p
A1
L
B1
B
A2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com