Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752 Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 140Page - Microchip Technology PIC17C752 Datasheet HTML 141Page - Microchip Technology PIC17C752 Datasheet HTML 142Page - Microchip Technology PIC17C752 Datasheet HTML 143Page - Microchip Technology PIC17C752 Datasheet HTML 144Page - Microchip Technology PIC17C752 Datasheet HTML 145Page - Microchip Technology PIC17C752 Datasheet HTML 146Page - Microchip Technology PIC17C752 Datasheet HTML 147Page - Microchip Technology PIC17C752 Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 320 page
background image
PIC17C75X
DS30264A-page 144
Preliminary
© 1997 Microchip Technology Inc.
15.2.7
I2C MASTER MODE START CONDITION
TIMING
To initiate a START condition the user sets the start
condition enable bit or SEN bit (SSPCON2<0>). If the
SDA and SCL pins are sampled high, the baud rate
generator
is
re-loaded
with
the
contents
of
SSPADD<6:0>, and starts its count. If SCL and SDA
are both sampled high when the baud rate generator
times out (TBRG), the SDA pin is driven low. The action
of the SDA being driven low while SCL is high is the
START condition, and causes the S bit (SSPSTAT<3>)
to be set. Since the I2C module is configured in master
mode, a '1' in the S bit causes the SSPIF flag to be
set. Following this, the baud rate generator is reloaded
with the contents of SSPADD<6:0> and resumes its
count. When the baud rate generator times out (TBRG)
the SEN bit in the SSPCON2 register will be automati-
cally cleared, the baud rate generator is suspended
leaving the SDA line held low, and the START condi-
tion is complete.
15.2.7.1
WCOL STATUS FLAG
If the user writes the SSPBUF when an START
sequence is in progress, then WCOL is set and the
contents of the buffer are unchanged (the write doesn’t
occur).
Note: If at the beginning of START condition the
SDA and SCL pins are already sampled
low, or if during the START condition the
SCL line is sampled low before the SDA
line is driven low, a bus collision occurs,
the Bus Collision Interrupt Flag (BCLIF) is
set, the START condition is aborted, and
the I2C module is reset into its IDLE state.
Note: Because queueing of events is not
allowed, writing to the lower 5 bits of
SSPCON2 is disabled until the START
condition is complete.
FIGURE 15-23: FIRST START BIT TIMING
SDA
SCL
S
T
BRG
1st Bit
2nd Bit
T
BRG
SDA = 1,
At completion of start bit,
SCL = 1
Write to SSPBUF occurs here
T
BRG
automatic clear SSPCON2<0>
T
BRG
Write to SSPCON2<0> occurs here.
Set S bit (SSPSTAT<3>)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com