Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752 Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 142Page - Microchip Technology PIC17C752 Datasheet HTML 143Page - Microchip Technology PIC17C752 Datasheet HTML 144Page - Microchip Technology PIC17C752 Datasheet HTML 145Page - Microchip Technology PIC17C752 Datasheet HTML 146Page - Microchip Technology PIC17C752 Datasheet HTML 147Page - Microchip Technology PIC17C752 Datasheet HTML 148Page - Microchip Technology PIC17C752 Datasheet HTML 149Page - Microchip Technology PIC17C752 Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 320 page
background image
PIC17C75X
DS30264A-page 146
Preliminary
© 1997 Microchip Technology Inc.
15.2.8
I2C MASTER MODE RESTART CONDITION
TIMING
A RESTART condition occurs when the RSEN bit
(SSPCON2<1>) is programmed high and the SSP
module is in the idle state. When the RSEN bit is set,
the SCL pin is asserted low. When the SCL pin is
sampled low, the baud rate generator is loaded with
the contents of SSPADD<5:0>, and begins counting.
The SDA pin is released (brought high) for one baud
rate generator count (TBRG). When the baud rate gen-
erator times out, if SDA is sampled high, the SCL pin
will be de-asserted (brought high). When SCL is sam-
pled high the baud rate generator is re-loaded with the
contents of SSPADD<6:0> and begins counting. SDA
and SCL must be sampled high for one TBRG. This
action is then followed by assertion of the SDA pin
(SDA = 0) for one TBRG while SCL = 1. Following
this, the RSEN bit in the SSPCON2 register will be
automatically cleared, and the baud rate generator is
not reloaded, leaving the SDA pin held low. As soon
as a start condition is detected on the SDA and SCL
pins, the S bit (SSPSTAT<3>) will be set. The SSPIF
bit will not be set until the baud rate generator has
timed-out.
Note 1: If the RSEN is programmed while a trans-
mit is in progress, it will not take effect.
Note 2: A bus collision during the RESTART con-
dition occurs if:
•SDA is sampled low when SCL goes
from low to high.
•SCL goes low before SDA is asserted
low. This may indicate that another
master is attempting to transmit a
data "1".
Immediately following the SSPIF bit getting set, the
user may write the SSPBUF with the 7-bit address in
7-bit mode, or the default first address in 10-bit mode.
After the first eight bits are transmitted and an ACK is
received, the user may then transmit an additional
eight bits of address (10-bit mode) or eight bits of data
(7-bit mode).
After the write to the SSPBUF, each bit of address will
be shifted out on the falling edge of SCL until all seven
address bits and the R/W bit are completed. On the
falling edge of the eighth clock the master will
de-assert the SDA pin allowing the slave to respond
with an acknowledge. On the falling edge of the ninth
clock the master will sample the SDA pin to see if the
address was recognized by a slave. The status of the
ACK bit
is programmed into the AKSTAT status bit
SSPCON2<6>. Following the falling edge of the ninth
clock transmission of the address, the SSPIF is set,
the BF flag is cleared, and the baud rate generator is
turned off until another write to the SSPBUF takes
place, holding SCL low and allowing SDA to float.
15.2.8.1
WCOL STATUS FLAG
If the user writes the SSPBUF when a RESTART
sequence is in progress, then WCOL is set and the
contents of the buffer are unchanged (the write doesn’t
occur).
Note: Because queueing of events is not
allowed, writing of the lower 5 bits of
SSPCON2 is disabled until the RESTART
condition is complete.
FIGURE 15-25: REPEAT START CONDITION TIMING
SDA
SCL
Sr = Restart
Write to SSPCON2
Write to SSPBUF occurs here.
Falling edge of ninth clock
End of Xmit
At completion of start bit,
automatic clear SSPCON2<1>
1st Bit
Set S (SSPSTAT<3>)
T
BRG
T
BRG
SDA = 1,
SDA = 1,
SCL(no change)
SCL = 1
occurs here.
T
BRG
T
BRG
T
BRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com