| Electronic Components Datasheet Search |
|
PIC16C765T/P Datasheet(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C765T/P Datasheet(HTML) 38 Page - Microchip Technology |
|
38 / 158 page ![]() PIC16C745/765 DS41124A-page 38 Advanced Information © 1999 Microchip Technology Inc. 5.5 PORTE and TRISE Registers PORTE has three pins, RE0/RD/AN5, RE1/WR/AN6 and RE2/CS/AN7, which are individually configured as inputs or outputs. These pins have Schmitt Trigger input buffers. I/O PORTE becomes control inputs for the micropro- cessor port when bit PSPMODE (TRISE<4>) is set. In this mode, the user must make sure that the TRISE<2:0> bits are set (pins are configured as digital inputs) and that register ADCON1 is configured for dig- ital I/O. In this mode, the input buffers are TTL. Register 5-1 shows the TRISE register, which also con- trols the parallel slave port operation. PORTE pins may be multiplexed with analog inputs (PIC16C765 only). The operation of these pins is selected by control bits in the ADCON1 register. When selected as an analog input, these pins will read as ’0’s. TRISE controls the direction of the RE pins, even when they are being used as analog inputs. The user must make sure to keep the pins configured as inputs when using them as analog inputs. TRISE bits are used to control the parallel slave port. FIGURE 5-7: PORTE BLOCK DIAGRAM TABLE 5-9: PORTE(1) FUNCTIONS Note 1: The PIC16C745 does not provide PORTE. The PORTE and TRISE registers are reserved. Always maintain these bits clear. Note: On a Power-on Reset, these pins are con- figured as analog inputs. Data Bus WR PORT WR TRIS RD PORT Data Latch TRIS Latch RD TRIS Schmitt Trigger Input Buffer Q D CK Q D CK EN QD EN I/O pin To A/D Converter VDD Name Function Input Type Output Type Description RE0/RD/AN5 RE0 ST CMOS Bi-directional I/O(1) RD TTL — Parallel Slave Port control input(1) AN5 AN — A/D Input(1) RE1/WR/AN6 RE1 ST CMOS Bi-directional I/O(1) WR TTL — Parallel Slave Port control input(1) AN6 AN — A/D Input(1) RE2/CS/AN7 RE2 ST CMOS Bi-directional I/O(1) CS TTL — Parallel Slave Port data input(1) AN7 AN — A/D Input(1) Legend: OD = open drain, ST = Schmitt Trigger Note 1: PIC16C765 only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |