Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765T/P Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16C765T/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765T/P Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16C765T/P Datasheet HTML 92Page - Microchip Technology PIC16C765T/P Datasheet HTML 93Page - Microchip Technology PIC16C765T/P Datasheet HTML 94Page - Microchip Technology PIC16C765T/P Datasheet HTML 95Page - Microchip Technology PIC16C765T/P Datasheet HTML 96Page - Microchip Technology PIC16C765T/P Datasheet HTML 97Page - Microchip Technology PIC16C765T/P Datasheet HTML 98Page - Microchip Technology PIC16C765T/P Datasheet HTML 99Page - Microchip Technology PIC16C765T/P Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 158 page
background image
PIC16C745/765
DS41124A-page 96
Advanced Information
© 1999 Microchip Technology Inc.
13.2
Oscillator Configurations
13.2.1
OSCILLATOR TYPES
The PIC16C745/765 can be operated in four different
oscillator modes. The user can program a configuration
bit (FOSC0) to select one of these four modes:
•EC
External Clock
•E4
External Clock with PLL
•HS
High Speed Crystal/Resonator
•H4
High Speed Crystal/Resonator with PLL
13.2.2
CRYSTAL OSCILLATOR/CERAMIC
RESONATORS
In HS mode, a crystal or ceramic resonator is con-
nected to the OSC1/CLKIN and OSC2/CLKOUT pins to
establish oscillation (Figure 13-1). The PIC16C745/
765 oscillator design requires the use of a parallel cut
crystal. Use of a series cut crystal may give a frequency
out of the crystal manufacturers specifications. When in
HS mode, the device can have an external clock source
to drive the OSC1/CLKIN pin (Figure 13-2). In this
mode, the oscillator start-up timer is active for a period
of 1024*TOSC. See the PICmicro™ Mid-Range MCU
Reference Manual (DS33023) for details on building an
external oscillator.
FIGURE 13-1: CRYSTAL/CERAMIC
RESONATOR OPERATION
(HS OSC CONFIGURATION)
TABLE 13-1:
CERAMIC RESONATORS
TABLE 13-2:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR
13.2.3
H4 MODE
In H4 mode, a PLL module is switched on in-line with
the clock provided across OSC1 and OCS2. The output
of the PLL drives FINT.
C1
C2
XTAL
OSC2
Note1
OSC1
Rf
SLEEP
To internal
logic
PIC16C745/765
Rs
Note 1:
A series resistor may be required for AT strip cut
crystals.
Ranges Tested:
Mode
Freq
OSC1
OSC2
HS
6.0 MHz
TBD
TBD
These values are for design guidance only. See notes at
bottom of page.
Osc Type
Crystal
Freq
Cap. Range
C1
Cap. Range
C2
HS
6.0 MHz
TBD
TBD
These values are for design guidance only. See notes at
bottom of page.
Note 1: Higher capacitance increases the stability
of the oscillator, but also increases the start-
up time.
2: Since each resonator/crystal has its own
characteristics, the user should consult the
resonator/crystal manufacturer for appropri-
ate values of external components.
3: Rs may be required in HS mode to avoid
overdriving crystals with low drive level
specification.
4: When migrating from other PICmicro
devices, oscillator performance should be
verified.
5: Users should consult the USB Specification
1.0 to ensure their resonator/crystal oscilla-
tor meets the required jitter limits for USB
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com