Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765T/P Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16C765T/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765T/P Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16C765T/P Datasheet HTML 58Page - Microchip Technology PIC16C765T/P Datasheet HTML 59Page - Microchip Technology PIC16C765T/P Datasheet HTML 60Page - Microchip Technology PIC16C765T/P Datasheet HTML 61Page - Microchip Technology PIC16C765T/P Datasheet HTML 62Page - Microchip Technology PIC16C765T/P Datasheet HTML 63Page - Microchip Technology PIC16C765T/P Datasheet HTML 64Page - Microchip Technology PIC16C765T/P Datasheet HTML 65Page - Microchip Technology PIC16C765T/P Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 158 page
background image
PIC16C745/765
DS41124A-page 62
Advanced Information
© 1999 Microchip Technology Inc.
10.5.1.3
USB Error Interrupt Status Register (UEIR)
The USB Error Interrupt Status Register (UEIR) con-
tains bits for each of the error sources within the USB.
Each of these bits are enabled by their respective error
enable bits (UEIE). The result is OR’ed together and
sent to the ERROR bit of the UIR register. Once an
interrupt bit has been set it must be cleared by writing
a zero to the respective interrupt bit. Each bit is set as
soon as the error condition is detected. Thus, the inter-
rupt will typically not correspond with the end of a
token being processed.
REGISTER 10-3:
USB ERROR INTERRUPT FLAGS STATUS REGISTER (UEIR: 192h)
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
BTS_ERR OWN_ERR WRT_ERR BTO_ERR
DFN8
CRC16
CRC5
PID_ERR
R = Readable bit
C = Clearable bit
U = Unimplemented
bit, read as ‘0’
-n = Value at POR
reset
bit7
bit0
bit 7:
BTS_ERR: A bit stuff error has been detected.
bit 6:
OWN_ERR: This bit is set if the USB is processing a token and the OWN bit within the BDT is equal to 0
(signifying that the microprocessor owns the BDT and the SIE does not have access to the BDT). If process-
ing an IN TOKEN this would cause a transmit data underflow condition. Processing an OUT or SETUP
TOKEN would cause a receive data overflow condition.
bit 5:
WRT_ERR: Write Error. A write by the MCU to the USB Buffer Descriptor Table or Buffer area was unsuc-
cessful.
bit 4:
BTO_ERR: This bit is set if a bus turnaround time-out error has occurred. This USB uses a bus turnaround
timer to keep track of the amount of time elapsed between the token and data phases of a SETUP or OUT
TOKEN or the data and handshake phases of a IN TOKEN. If more than 17-bit times are counted from the
previous EOP before a transition from IDLE, a bus turnaround time-out error will occur.
bit 3:
DFN8: The data field received was not 8 bits. The USB Specification 1.1 specifies that data field must be an
integral number of bytes. If the data field was not an integral number of bytes this bit will be set.
bit 2:
CRC16: The CRC16 failed.
bit 1:
CRC5: This interrupt will detect CRC5 error in the token packets generated by the host. If set the token
packet was rejected due to a CRC5 error.
bit 0:
PID_ERR: The PID check field failed.
Note 1: Bits can only be modified when UCTRL.SUSPND = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com