Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765T/P Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16C765T/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765T/P Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16C765T/P Datasheet HTML 59Page - Microchip Technology PIC16C765T/P Datasheet HTML 60Page - Microchip Technology PIC16C765T/P Datasheet HTML 61Page - Microchip Technology PIC16C765T/P Datasheet HTML 62Page - Microchip Technology PIC16C765T/P Datasheet HTML 63Page - Microchip Technology PIC16C765T/P Datasheet HTML 64Page - Microchip Technology PIC16C765T/P Datasheet HTML 65Page - Microchip Technology PIC16C765T/P Datasheet HTML 66Page - Microchip Technology PIC16C765T/P Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 63
PIC16C745/765
10.5.1.4
Error Interrupt Enable Register (UEIE)
The USB Error Interrupt Enable Register (UEIE) con-
tains enable bits for each of the error interrupt sources
within the USB. Setting any of these bits will enable
the respective error interrupt source in the UEIR regis-
ter.
REGISTER 10-4:
USB ERROR INTERRUPT ENABLE REGISTER (UEIE: 193h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BTS_ERR OWN_ERR WRT_ERR BTO_ERR
DFN8
CRC16
CRC5
PID_ERR
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7:
BTS_ERR: Set this bit to enable BTS_ERR interrupts.
1
= BTS_ERR interrupt enabled
0
= BTS_ERR interrupt disabled
bit 6:
OWN_ERR: Set this bit to enable OWN_ERR interrupts.
1
= OWN_ERR interrupt enabled
0
= OWN_ERR interrupt disabled
bit 5:
WRT_ERR: Set this bit to enable WRT_ERR interrupts.
1
= WRT_ERR interrupt enabled
0
= WRT_ERR interrupt disabled
bit 4:
BTO_ERR: Set this bit to enable BTO_ERR interrupts.
1
= BTO_ERR interrupt enabled
0
= BTO_ERR interrupt disabled
bit 3:
DFN8: Set this bit to enable DFN8 interrupts.
1
= DFN8 interrupt enabled
0
= DFN8 interrupt disabled
bit 2:
CRC16: Set this bit to enable CRC16 interrupts.
1
= CRC16 interrupt enabled
0
= CRC16 interrupt disabled
bit 1:
CRC5: Set this bit to enable CRC5 interrupts.
1
= CRC5 interrupt enabled
0
= CRC5 interrupt disabled
bit 0:
PID_ERR: Set this bit to enable PID_ERR interrupts.
1
= PID_ERR interrupt enabled
0
= PID_ERR interrupt disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com