Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765T/P Datasheet(PDF) 140 Page - Microchip Technology

Part # PIC16C765T/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765T/P Datasheet(HTML) 140 Page - Microchip Technology

Back Button PIC16C765T/P Datasheet HTML 136Page - Microchip Technology PIC16C765T/P Datasheet HTML 137Page - Microchip Technology PIC16C765T/P Datasheet HTML 138Page - Microchip Technology PIC16C765T/P Datasheet HTML 139Page - Microchip Technology PIC16C765T/P Datasheet HTML 140Page - Microchip Technology PIC16C765T/P Datasheet HTML 141Page - Microchip Technology PIC16C765T/P Datasheet HTML 142Page - Microchip Technology PIC16C765T/P Datasheet HTML 143Page - Microchip Technology PIC16C765T/P Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 158 page
background image
PIC16C745/765
DS41124A-page 140
Advanced Information
© 1999 Microchip Technology Inc.
FIGURE 16-14: MAXIMUM INPUT WAVEFORM TIMING SPECIFICATIONS
FIGURE 16-15: USB LOW SPEED SIGNALING
TABLE 16-12: USB AC AND DC SPECIFICATIONS
Parameter
No.
Sym
Characteristic
Min
TYP†
Max
Units
Conditions
70
TLR
Transition Rise Time
75
300
ns
71
TLF
Transition Fall Time
75
300
ns
72
VCRS
Crossover Voltage
1.3
2.0
V
TLRFM
Rise and Fall Time Matching
80
125
%
VIL
Voltage Input Low
0.8
V
VIH
Voltage Input High
2.0
V
VIHZ
Voltage Input High Floating
2.7
3.6
V
Differential Input Sensitivity
0.2
V
(D+)-(D-)
Differential Common Mode Range
0.8
2.5
V
VOL
Voltage Output Low
0.0
0.3
V
VOH
Voltage Output High
2.8
3.6
V
VUSB
USB Voltage Output
2.7
3.6
V
Note 1:
The D+/D- signals can withstand a continuous short to VBUS, GND, cable shield or any other signal.
66.7ns
6MHz
4.6V
60ns
-1.0V
4ns
min
20ns
max
4ns
min
20ns
max
min
Pin
RSRC
RSRC = 39
Ω ± 2%
V
72
70
10%
90%
Data Differential Lines
71
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com