Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF65 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
Page 56
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
RegFrfLsb
(0x09)
7-0
Frf(7:0)
rw
RegOsc1
(0x0A)
7
RcCalStart
w
0
Triggers the calibration of the RC oscillator when set.
Always reads 0. RC calibration must be triggered in
Standby mode.
6
RcCalDone
r
1
0
→ RC calibration in progress
1
→ RC calibration is over
5-0
-
r
000001 unused
RegAfcCtrl
(0x0B)
7-6
-
r
00
unused
5
AfcLowBetaOn
rw
0
Improved AFC routine for signals with modulation index
lower than 2. Refer to section 3.4.17 for details
0
→ Standard AFC routine
1
→ Improved AFC routine
4-0
-
r
00000
unused
RegLowBat
(0x0C)
7-5
-
r
000
unused
4
LowBatMonitor
rw
-
Real-time (not latched) output of the Low Battery detector,
when enabled.
3
LowBatOn
rw
0
Low Battery detector enable signal
0
→ LowBat off
1
→ LowBat on
2-0
LowBatTrim
rw
010
Trimming of the LowBat threshold:
000
→ 1.695 V
001
→ 1.764 V
010
→ 1.835 V
011
→ 1.905 V
100
→ 1.976 V
101
→ 2.045 V
110
→ 2.116 V
111
→ 2.185 V
RegListen1
(0x0D)
7-6
ListenResolIdle
rw
10
Resolution of Listen modes timings (calibrated RC osc):
0101
→ 64 us
1010
→ 4.1 ms
1111
→ 262 ms
Others
→ reserved
5-4
ListenResolRx
rw
01
Resolution of Listen mode Rx time (calibrated RC osc):
00
→ reserved
01
→ 64 us
10
→ 4.1 ms
11
→ 262 ms
3
ListenCriteria
rw
0
Criteria for packet acceptance in Listen mode:
0
→ signal strength is above RssiThreshold
1
→ signal strength is above RssiThreshold and
SyncAddress matched
2-1
ListenEnd
rw
01
Action taken after acceptance of a packet in Listen mode:
00
→ chip stays in Rx mode. Listen mode stops and must
be disabled (see section 4.3).
01
→ chip stays in Rx mode until PayloadReady or
Timeout interrupt occurs. It then goes to the mode defined
by Mode. Listen mode stops and must be disabled (see
section 4.3).
10
→ chip stays in Rx mode until PayloadReady or
Timeout interrupt occurs. Listen mode then resumes in
Idle state. FIFO content is lost at next Rx wakeup.
11
→ Reserved
0
-
r
0
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com