Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF65 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
Page 61
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
RegIrqFlags2
(0x28)
7
FifoFull
r
0
Set when FIFO is full (i.e. contains 66 bytes), else
cleared.
6
FifoNotEmpty
r
0
Set when FIFO contains at least one byte, else cleared
5
FifoLevel
r
0
Set when the number of bytes in the FIFO strictly exceeds
FifoThreshold, else cleared.
4
FifoOverrun
rwc
0
Set when FIFO overrun occurs. (except in Sleep mode)
Flag(s) and FIFO are cleared when this bit is set. The
FIFO then becomes immediately available for the next
reception.
3
-
r
0
unused
2
PayloadReady
r
0
Set in Rx when the payload is ready (i.e. last byte
received and CRC, if enabled and CrcAutoClearOff is
cleared, is Ok). Cleared when FIFO is empty.
1
CrcOk
r
0
Set in Rx when the CRC of the payload is Ok. Cleared
when FIFO is empty.
0
LowBat
rwc
-
Set when the battery voltage drops below the Low Battery
threshold. Cleared only when set by the user.
RegRssiThresh
(0x29)
7-0
RssiThreshold
rw
0xE4
*
RSSI trigger level for Rssi interrupt :
- RssiThreshold / 2 [dBm]
RegRxTimeout1
(0x2A)
7-0
TimeoutRxStart
rw
0x00
Timeout interrupt is generated TimeoutRxStart*16*Tbit
after switching to Rx mode if Rssi interrupt doesn
‟t occur
(i.e. RssiValue > RssiThreshold)
0x00: TimeoutRxStart is disabled
RegRxTimeout2
(0x2B)
7-0
TimeoutRssiThresh
rw
0x00
Timeout interrupt is generated TimeoutRssiThresh*16*Tbit
after Rssi interrupt if PayloadReady interrupt do
esn‟t
occur.
0x00: TimeoutRssiThresh is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com