Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF83 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
-11-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
13.1.1. Step 1: Selecting the Operating Mode
13.1.1.1. Fixed-Mode Operation
For applications where the transmit frequency is accurately set (that is, applications where a SAW or crystal-
based transmitter is used) the RF83 may be configured as a standard superheterodyne receiver (fixed mode).
In fixed-mode operation the RF bandwidth is narrower making the receiver less susceptible to interfering
signals. Fixed mode is selected by connecting SWEN to ground.
13.1.1.2. Sweep-Mode Operation
When used in conjunction with low-cost L-C transmitters the RF83 should be configured in sweep-mode. In
sweep-mode, while the topology is still superheterodyne, the LO (local oscillator) is swept over a range of
frequencies at rates greater than the data rate. This technique effectively increases the RF bandwidth of the
RF83, allowing the device to operate in applications where significant transmitter-receiver frequency
misalignment may exist. The transmit frequency may vary up to ±0.5% over initial tolerance, aging, and
temperature. In sweep-mode a band approximately 1.5% around the nominal transmit frequency is captured.
The transmitter may drift up to ±0.5% without the need to retune the receiver and without impacting system
performance.
The swept-LO technique does not affect the IF bandwidth, therefore noise performance is not degraded
relative to fixed mode. The IF bandwidth is 430kHz whether the device is operating in fixed or sweep-mode.
Due to limitations imposed by the LO sweeping process, the upper limit on data rate in sweep mode is
approximately 5.0kbps.
Similar performance is not currently available with crystal-based superheterodyne receivers which can
operate only with SAW- or crystal-based transmitters.
In sweep-mode, a range reduction will occur in installations where there is a strong interferer in the swept
RF band. This is because the process indiscriminately includes all signals within the sweep range. An RF83
may be used in place of a superregenerative receiver in most applications.
13.1.2. Step 2: Selecting the Reference Oscillator
All timing and tuning operations on the RF83/RF83C are derived from the internal Colpitts reference
oscillator. Timing and tuning is controlled through the REFOSC pin in one of three ways:
1) Connect a ceramic resonator
2) Connect a crystal
3) Drive this pin with an external timing signal
The specific reference frequency required is related to the system transmit frequency and to the operating
mode of the receiver as set by the SWEN pin of RF83.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com