Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF83 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
-12-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
13.1.1.3. Crystal or Ceramic Resonator Selection
If operating in fixed-mode, a crystal is recommended. In sweep-mode either a crystal or ceramic resonator
may be used. When a crystal of ceramic resonator is used the minimum voltage is 300mVPP. If using
an externally applied signal it should be AC-coupled and limited to theoperating range of 0.1VPP to
1.5VPP.
13.1.1.4. Selecting Reference Oscillator Frequency fT (Fixed Mode)
As with any superheterodyne receiver, the mixing between the internal LO (local oscillator) frequency fLO
and the incoming transmit frequency fTX ideally must equal the IF center frequency. Equation 1 may be used
to compute the appropriate fLO for a given fTX:
(1) fLO =fTX ±(0.86
fTX
)
315
Frequencies fTX and fLO are in MHz. Note that two values of fLO exist for any given fTX,
distinguished as “high-side mixing” and “low-side mixing.” High-side mixing results in an image
frequency above the frequency of interest and low-side mixing results in a frequency below.
After choosing one of the two acceptable values of fLO, use Equation 2 to compute the reference
oscillator frequency fT:
(2) fT =
FLO
64.5
Frequency fT is in MHz. Connect a crystal of frequency fT to REFOSC on the RF83.
Four-decimal-place accuracy on the frequency is generally adequate. The following table
identifies fT for some common transmit frequencies when the RF83 is operated in fixed
mode.
Transmit Frequency (fTX)
Reference Oscillator Frequency (fT)
315MHz
4.8970 MHz
390 MHz
6.0630 MHz
418 MHz
6.4983 MHz
433.92 MHz
6.7458 MHz
Table 2. Fixed Mode Recommended Reference Oscillator Values For Typical Transmit
Frequencies (high-side mixing)
13.1.1.5. Selecting REFOSC Frequency fT (Sweep Mode)
Selection of the reference oscillator frequency fT in sweep mode is much simpler than in fixed
mode due to the LO sweeping process. Also, accuracy requirements of the frequency reference
component are significantly relaxed.
In sweep mode, fT is given by Equation 3:
(3) fT =
FLO
64.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com