Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF83 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
-19-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
To activate the Wake-Up function, a received constant RF carrier must be present for 128 counts or the
internal system clock. The internal system clock is derived from the reference oscillator and is 1/256 the
reference oscillator frequency. For example:
Where:
fT = 6.4MHz
fS = fT/256 = 25kHz
PS = 1/fS = 0.04ms
128 counts x 0.04ms = 5.12ms
fT = reference oscillator frequency
fS = system clock frequency
PS = system clock period
The Wake-Up counter will reset immediately after a detected RF carrier drops. The duration of the
Wake-Up signal output is then determined by the required wake up time plus an additional RF
carrier on time interval to create a wake up pulse output.
WAKEB Output Pulse Time = TWAKE + Additional RF Carrier on Time
For designers who wish to use the wakeup function while squelching the output, a positive
squelching offset voltage must be used. This simply requires that the squelch resistor be connected
to a voltage more positive than the quiescent voltage on the CTH pin so that the data output is low
in absence of a transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com