Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF83 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
-18-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
14.2. Shutdown Function
Duty-cycled operation of the RF83/RF83C (often referred to as polling) is achieved by turning the
RF83/FR83C on and off via the SHUT pin. The shutdown function is controlled by a logic state applied to
the SHUT pin. When VSHUT is high, the device goes into low-power standby mode. This pin is pulled high
internally; it must be externally pulled low to enable the receiver.
14.3. Power Supply Bypass Capacitors
VDDBB and VDDRF should be connected together directly at the IC pins. Supply bypass capacitors are
strongly recommended. They should be connected to VDDBB and VDDRF and should have the shortest
possible lead lengths. For best performance, connect VSSRF to VSSBB at the power supply only (that is,
keep VSSBB currents from flowing through the VSSRF return path).
14.4. Increasing Selectivity with an Optional BandPass Filter
For applications located in high ambient noise environments, a fixed value band-pass network may be
connected between the ANT pin and VSSRF to provide additional receive selectivity and input overload
protection. A minimum input configuration is included in figure 2a. it provides some filtering and
necessary overload protection.
14.5. Data Squelching
During quiet periods (no signal) the data output (DO pin) transitions randomly with noise. Most decoders
can discriminate between this random noise and actual data but for some system it does present a problem.
There are three possible approaches to reducing this output noise:
1) Analog squelch to raise the demodulator threshold
2) Digital squelch to disable the output when data is not present
3) Output filter to filter the (high frequency) noise glitches on the data output pin.
The simplest solution is add analog squelch by introducing a small offset, or squelch voltage, on the CTH
pin so that noise does not trigger the internal comparator. Usually 20mV to 30mV is sufficient, and may be
achieved by connecting a several-megohm resistor from the CTH pin to either VSS or VDD, depending on the
desired offset polarity. Since the RF83/RF83C has receiver AGC noise at the internal comparator input is
always the same, set by the AGC. The squelch offset requirement does not change as the local noise strength
changes from installation to installation. Introducing squelch will reduce sensitivity and also reduce range.
Only introduce an amount of offset sufficient to quiet the output. Typical squelch resistor values range from
6.8MΩ to 10MΩ.
14.6. Wake-Up Function
For RF83, The WAKEB output signal can be used to reduce system power consumption by enabling the
rest of a system when an RF signal is present. The WAKEB is an output logic signal which goes active low
when the IC detects a constant RF carrier. The wake-up function is unavailable when the IC is in shutdown
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com