Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/P Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16LC773-04/P
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/P Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16LC773-04/P Datasheet HTML 75Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 76Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 77Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 78Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 79Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 80Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 81Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 82Page - Microchip Technology PIC16LC773-04/P Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 79
8.2.11
I2C MASTER MODE TRANSMISSION
Transmission of a data byte, a 7-bit address, or either
half of a 10-bit address is accomplished by simply writ-
ing a value to SSPBUF register. This action will set the
buffer full flag (BF) and allow the baud rate generator to
begin counting and start the next transmission. Each
bit of address/data will be shifted out onto the SDA pin
after the falling edge of SCL is asserted (see data hold
time spec).
SCL is held low for one baud rate gener-
ator roll over count (TBRG). Data should be valid before
SCL is released high (see Data setup time spec).
When the SCL pin is released high, it is held that way
for TBRG, the data on the SDA pin must remain stable
for that duration and some hold time after the next fall-
ing edge of SCL. After the eighth bit is shifted out (the
falling edge of the eighth clock), the BF flag is cleared
and the master releases SDA allowing the slave device
being addressed to respond with an ACK bit during the
ninth bit time, if an address match occurs or if data was
received properly.
The status of ACK is read into the
AKDT on the falling edge of the ninth clock. If the mas-
ter receives an acknowledge, the acknowledge status
bit (AKSTAT) is cleared. If not, the bit is set. After the
ninth clock the SSPIF is set, and the master clock
(baud rate generator) is suspended until the next data
byte is loaded into the SSPBUF leaving SCL low and
SDA unchanged (Figure 8-26).
After the write to the SSPBUF, each bit of address will
be shifted out on the falling edge of SCL until all seven
address bits and the R/W bit are completed. On the fall-
ing edge of the eighth clock the master will de-assert
the SDA pin allowing the slave to respond with an
acknowledge. On the falling edge of the ninth clock the
master will sample the SDA pin to see if the address
was recognized by a slave. The status of the ACK bit is
loaded into the AKSTAT status bit (SSPCON2<6>). Fol-
lowing the falling edge of the ninth clock transmission
of the address, the SSPIF is set, the BF flag is cleared,
and the baud rate generator is turned off until another
write to the SSPBUF takes place, holding SCL low and
allowing SDA to float.
8.2.11.7
BF STATUS FLAG
In transmit mode, the BF bit (SSPSTAT<0>) is set when
the CPU writes to SSPBUF and is cleared when all 8
bits are shifted out.
8.2.11.8
WCOL STATUS FLAG
If the user writes the SSPBUF when a transmit is
already in progress (i.e. SSPSR is still shifting out a
data byte), then WCOL is set and the contents of the
buffer are unchanged (the write doesn’t occur).
WCOL must be cleared in software.
8.2.11.9
AKSTAT STATUS FLAG
In transmit mode, the AKSTAT bit (SSPCON2<6>) is
cleared when the slave has sent an acknowledge
(ACK = 0), and is set when the slave does not acknowl-
edge (ACK = 1). A slave sends an acknowledge when
it has recognized its address (including a general call),
or when the slave has properly received its data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com